Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 363 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 363 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 359Page - National Semiconductor (TI) PC87591E Datasheet HTML 360Page - National Semiconductor (TI) PC87591E Datasheet HTML 361Page - National Semiconductor (TI) PC87591E Datasheet HTML 362Page - National Semiconductor (TI) PC87591E Datasheet HTML 363Page - National Semiconductor (TI) PC87591E Datasheet HTML 364Page - National Semiconductor (TI) PC87591E Datasheet HTML 365Page - National Semiconductor (TI) PC87591E Datasheet HTML 366Page - National Semiconductor (TI) PC87591E Datasheet HTML 367Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
363
www.national.com
6.2.14 Battery-Backed RAMs and Registers
The RTC has two battery-backed RAMs and 17 registers, used by the logical units themselves. Battery-backup power en-
ables information retention during system power down.
The RAMs are:
●
Standard RAM
●
Extended RAM
The memory maps and register content of the RAMs are shown in Section 6.2.18 on page 371 and illustrated in Figure 122.
The first 14 bytes and three programmable bytes of the Standard RAM are overlaid by time, alarm data and control registers.
The remaining 111 bytes are general-purpose memory.
Registers with reserved bits should be written using the “Read-Modify-Write” method.
All register locations within the device are accessed by the RTC Index and Data registers (at base address and base ad-
dress+1, as defined by RTC configuration registers at index 6016 and 6116). The Index register points to the register location
being accessed, and the Data register contains the data to be transferred to or from the location. An additional 128 bytes of
battery-backed RAM (also called Extended RAM) may be accessed via a second pair of Index and Data registers (at base
address and base address+1, as defined by RTC configuration registers in index 6216 and 6316).
Access to the two RAMs may be locked. For details, see ”RAM Lock Register (RLR)” in Section 6.1.12 on page 353.
The index of three of the RTC registers is programmable using registers in the RTC logical device bank (part of the SuperI/O
configuration registers). If enabled, these registers override three of the Standard RAM locations; see Section 6.1.12 on
page 353.
6.2.15 RTC Registers
The RTC registers can be accessed at any time during normal operation mode; i.e., when VCC is within the recommended
operation range. This access is disabled during battery-backed operation. Write operation to these registers is also disabled
if bit 7 of CRD register is 0.
Note: Before attempting to perform any start-up procedures, read the explanation of bit 7 (VRT) of CRD register.
See Section 6.2.18 on page 371 for a detailed description of the memory map for the RTC registers.
This section describes the RTC Timing and Control registers, which control basic RTC functionality.
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
0016
0D16
7F16
0E16
Registers
Standard RAM
(3-byte override by
register with
0016
7F16
Index
Data
SIO Configuration
Extended Bank
(Legacy 0x72, 0x73)
Standard Bank
(Legacy 0x70, 0x71)
Index
Data
6016
6316
7F16
7016
7316
prog. indexes
RAM lock
programmable indexes)
}
}
Base
Base+1
Index
Data
Base
Base+1
Figure 122. RTC Module Registers Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com