Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 356 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 356 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 352Page - National Semiconductor (TI) PC87591E Datasheet HTML 353Page - National Semiconductor (TI) PC87591E Datasheet HTML 354Page - National Semiconductor (TI) PC87591E Datasheet HTML 355Page - National Semiconductor (TI) PC87591E Datasheet HTML 356Page - National Semiconductor (TI) PC87591E Datasheet HTML 357Page - National Semiconductor (TI) PC87591E Datasheet HTML 358Page - National Semiconductor (TI) PC87591E Datasheet HTML 359Page - National Semiconductor (TI) PC87591E Datasheet HTML 360Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
www.national.com
356
Revision 1.07
6.2
REAL-TIME CLOCK (RTC)
The RTC provides timekeeping and calendar management capabilities. It uses a 32.768 KHz signal as the basic clock for
timekeeping. The RTC also includes 242 bytes of battery-backed RAM for general-purpose use.
The RTC provides the following functions:
●
Accurate timekeeping and calendar management
●
Alarm at a predetermined time and/or date
●
Three programmable interrupt sources
●
Valid timekeeping during power-down, by utilizing external battery backup
●
242 bytes of battery-backed RAM
●
RAM lock schemes to protect its content
●
Internal oscillator circuit (the crystal itself is off-chip) or external clock supply for the 32.768 KHz clock
●
A century counter
●
PnP support:
— Relocatable index and data registers
— Module access enable/disable option
— Host interrupt enable/disable option
●
Additional low-power features such as:
— Automatic switching from battery to VCC
— Internal power monitoring on the VRT bit
— Oscillator disabling to save battery during storage
●
Software compatible with the DS1287 and MC146818
6.2.1
Bus Interface
The RTC function is initially mapped to the default SuperI/O locations at indexes 7016 to 7316 (two Index/Data pairs). These
locations may be reassigned in compliance with Plug and Play requirements.
6.2.2
RTC Clock Generation
The RTC uses a 32.768 KHz clock signal as the basic clock for timekeeping. The 32.768 KHz clock is generated by the in-
ternal oscillator circuit or by an external oscillator (see Sections 6.2.3 and 6.2.4).
6.2.3
Internal Oscillator
The internal oscillator employs an external crystal connected to the on-chip amplifier. The on-chip amplifier is accessible on
the 32KX1 input pin and the 32KX2 output pin. See Figure 113 for the recommended external circuit and Table 65 for a list-
ing of the circuit components. The oscillator may be disabled in certain conditions. See Section 6.2.12 on page 362 for more
details.
Figure 113. Recommended Oscillator External Circuitry
VBAT
CF
Internal
External
R2
32KX1 /
32KX2
C1
C2
R1
Y
To other
modules
Battery
B1
CF = 0.1
µF
32KCLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com