Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 97Page - National Semiconductor (TI) PC87591E Datasheet HTML 98Page - National Semiconductor (TI) PC87591E Datasheet HTML 99Page - National Semiconductor (TI) PC87591E Datasheet HTML 100Page - National Semiconductor (TI) PC87591E Datasheet HTML 101Page - National Semiconductor (TI) PC87591E Datasheet HTML 102Page - National Semiconductor (TI) PC87591E Datasheet HTML 103Page - National Semiconductor (TI) PC87591E Datasheet HTML 104Page - National Semiconductor (TI) PC87591E Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
101
www.national.com
4.3.4
ICU Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
ICU Register Map
Interrupt Vector Register (IVCT)
The IVCT register holds the vector number of the interrupt vector. IVCT is set to 1016 on reset.
Location: 00 FE0016
Type: RO
NMI Status Register (NMISTAT)
The NMISTAT register holds the status of the current pending Non-Maskable Interrupt (NMI) requests. This register is cleared
on reset and each time its contents are read. Refer to the description of the PFAIL register below for additional details.
Location: 00 FE0216
Type: RO
Mnemonic
Register Name
Type
IVCT
Interrupt Vector
RO
NMISTAT
NMI Status
RO
PFAIL
Power Fail Interrupt Control and Status
R/W
ISTAT0
Interrupt Status 0
RO
ISTAT1
Interrupt Status 1
RO
IENAM0
Interrupt Enable and Mask 0
R/W
IENAM1
Interrupt Enable and Mask 1
R/W
IECLR0
Edge Interrupt Clear 0
WO
IECLR1
Edge Interrupt Clear 1
WO
Bit
76543210
Name
0
0
INTVECT
Reset
00010000
Bit
Description
5-0
INTVECT (Interrupt Vector). Contains the encoded value of the enabled pending interrupt with the highest
priority; the valid values range from 1016 to 2F16. Valid during an interrupt acknowledge core bus cycle in which
IVCT is read. It may contain invalid data when INTVECT is updated.
7-6
These bits return 0 when read.
Bit
76543210
Name
Reserved
EXT
Reset
00000000
Bit
Description
0
EXT (External Non-Maskable Interrupt Request).
0: No external non-maskable interrupt request occurred
1: External non-maskable interrupt request occurred
7-1
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com