Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 99Page - National Semiconductor (TI) PC87591E Datasheet HTML 100Page - National Semiconductor (TI) PC87591E Datasheet HTML 101Page - National Semiconductor (TI) PC87591E Datasheet HTML 102Page - National Semiconductor (TI) PC87591E Datasheet HTML 103Page - National Semiconductor (TI) PC87591E Datasheet HTML 104Page - National Semiconductor (TI) PC87591E Datasheet HTML 105Page - National Semiconductor (TI) PC87591E Datasheet HTML 106Page - National Semiconductor (TI) PC87591E Datasheet HTML 107Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
103
www.national.com
Interrupt Status Register 1 (ISTAT1)
This register indicates which maskable interrupts are pending regardless of the state of the corresponding IENA bits.
Location: 00 FE0C16
Type: RO
Interrupt Enable and Mask Register 0 (IENAM0)
This register controls the enable/disable of the maskable interrupt sources INT0 to INT15. The register is cleared (000016)
on reset.
Location: 00 FE0E16
Type: R/W
Interrupt Enable and Mask Register 1 (IENAM1)
This register controls the enable/disable of the maskable interrupt sources INT16 to INT31. The register is cleared (000016)
on reset.
Location: 00 FE1016
Type: R/W
Bit
15
14
13
12
11
10
9876543210
Name
IST31-16
Reset
0
000000000000000
Bit
Description
15-0
IST31-16 (Interrupt Status). Each bit indicates if an interrupt event was sent to the ICU; IST31 to IST16
correspond to INT31 to INT16, respectively. Each bit is encoded as follows:
0: Interrupt input to ICU not pending
1: Interrupt input to ICU pending
Bit
15
14
13
12
11
10
9876543210
Name
IENA15-0
Reset
0
000000000000000
Bit
Description
15-0 IENA15-0 (Interrupt Enable). Each bit enables or disables the corresponding interrupt request INT0 to INT15;
e.g. IENA15 controls INT15. Since INT0 is not used, IENA0 has no effect on the operation of the ICU.
0: Interrupt disabled
1: Interrupt enabled
Bit
15
14
13
12
11
10
9876543210
Name
IENA31-16
Reset
0
000000000000000
Bit
Description
15-0 IENA31-16 (Interrupt Enable). Each bit enables or disables the corresponding interrupt request INT16 to
INT31; e.g. IENA16 controls INT16.
0: Interrupt disabled
1: Interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com