| Electronic Components Datasheet Search |
|
PC87591E Datasheet(PDF) 105 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87591E Datasheet(HTML) 105 Page - National Semiconductor (TI) |
|
105 / 437 page ![]() Embedded Controller Modules (Continued) Revision 1.07 105 www.national.com 4.4 MULTI-INPUT WAKE-UP (MIWU) The Multi-Input Wake-Up Unit (MIWU) allows the PC87591x to exit Idle mode. In addition, it provides signal conditioning and grouping of external interrupt sources. It supports a total of 32 internal and/or external wake-up sources. 4.4.1 Features ● Supports up to 32 internal and/or external wake-up inputs ● Generates a wake-up signal ● Generates interrupt signals for: — each of the 32 inputs — one interrupt for each group of eight inputs e.g., I/O ports ● User-selectable trigger condition on each input: — positive edge — negative edge ● Individual enable and pending bits for each input ● Programmable bypass mode connects inputs to ICU without MIWU involvement 4.4.2 Operation Overview The Multi-Input Wake-Up Unit (MIWU) detects a valid software-selectable trigger condition on any of its inputs. On detection of a valid trigger condition, the MIWU generates a wake-up request and/or an interrupt request. The wake-up request is con- nected to the Power Management module (PMC) and may be utilized to exit the Idle mode and return to Active mode. The interrupt requests are used to signal to the Interrupt Control Unit (ICU) that either an edge-triggered external or internal in- terrupt condition has occurred. Figure 32 shows a block diagram of the Multi-Input Wake-Up module. Note that the MIWU module is active while in Idle mode. Note, however, that because all device clocks are stopped in Idle mode, the detection of a trigger condition on an input, and the resulting set of the pending flag, are not synchronous to the system clock. Table 17 lists the MIWU sources and interrupts used in the PC87591x. Table 17. Input Assignments Source Destination Name MIWU Input Interrupt Name MIWU Output PSCLK1 WUI10 PSWUINT WKINTA PSCLK2 WUI11 PSCLK3 WUI12 PSDAT1 WUI13 PSDAT2 WUI14 PSDAT3 WUI15 PSCLK4 WUI16 PSDAT4 WUI17 EWXINT20 WUI20 INT1 WKO20 EXWINT21 WUI21 INT31 WKO21 EXWINT22 WUI22 INT21 WKO22 EXWINT23 WUI23 INT6 WKO23 EXWINT24 WUI24 INT17 WKO24 SWIN WUI25 INT14 WKO25 MSWC Wake-Up WUI26 INT12 WKO26 T0OUT1 WUI27 T0OUTINT WKO27 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |