Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 105Page - National Semiconductor (TI) PC87591E Datasheet HTML 106Page - National Semiconductor (TI) PC87591E Datasheet HTML 107Page - National Semiconductor (TI) PC87591E Datasheet HTML 108Page - National Semiconductor (TI) PC87591E Datasheet HTML 109Page - National Semiconductor (TI) PC87591E Datasheet HTML 110Page - National Semiconductor (TI) PC87591E Datasheet HTML 111Page - National Semiconductor (TI) PC87591E Datasheet HTML 112Page - National Semiconductor (TI) PC87591E Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
109
www.national.com
4.4.3
MIWU Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
MIWU Register Map
Edge Detection Register (WKEDG1)
Byte-wide read/write register that configures the trigger condition of the input signals WUI10 to WUI17. The register is
cleared on reset. This configures all associated input signals to be triggered on a rising edge.
Location: 00 FFC016
Type: R/W
Mnemonic
Register Name
Type
WKEDG1
Edge Detection Register
R/W
WKEDG2
Edge Detection Register
R/W
WKEDG3
Edge Detection Register
R/W
WKEDG4
Edge Detection Register
R/W
WKPND1
Pending Register
R/W
WKPND2
Pending Register
R/W
WKPND3
Pending Register
R/W
WKPND4
Pending Register
R/W
WKEN1
Enable Register
R/W
WKEN2
Enable Register
R/W
WKEN3
Enable Register
R/W
WKEN4
Enable Register
R/W
WKPCL1
Pending Clear Register
WO
WKPCL2
Pending Clear Register
WO
WKPCL3
Pending Clear Register
WO
WKPCL4
Pending Clear Register
WO
Bit
76543210
Name
WKED17-WKED10
Reset
00000000
Bit
Description
7-0
Edge Selection. For inputs WUI10 through WUI17. Each bit is associated with one of eight inputs.
0: Low-to-High transition.
1: High-to-Low transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com