Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 107Page - National Semiconductor (TI) PC87591E Datasheet HTML 108Page - National Semiconductor (TI) PC87591E Datasheet HTML 109Page - National Semiconductor (TI) PC87591E Datasheet HTML 110Page - National Semiconductor (TI) PC87591E Datasheet HTML 111Page - National Semiconductor (TI) PC87591E Datasheet HTML 112Page - National Semiconductor (TI) PC87591E Datasheet HTML 113Page - National Semiconductor (TI) PC87591E Datasheet HTML 114Page - National Semiconductor (TI) PC87591E Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
111
www.national.com
Pending Register (WKPND4)
Byte-wide read/write register that latches the occurrence of a selected trigger condition associated with the input signals
WUI40 to WUI47. For a detailed description of the register see the above description of the WKPND1 register.
Location: 00 FFD416
Type: R/W
Enable Register (WKEN1)
Byte-wide read/write register that enables the wake-up function of the associated input signal, WUI10 to WUI17. On reset,
WDENA1 is cleared (0); this disables the associated input signals. The WKENA1 register format is shown below:
Location: 00 FFD816
Type: R/W
Enable Register (WKEN2)
Byte-wide read/write register that enables the wake-up function of the associated input signal, WUI20 to WUI27. For a de-
tailed description of the register, see the above description of the WKEN1 register.
Location: 00 FFDA16
Type: R/W
Enable Register (WKEN3)
Byte-wide read/write register that enables the wake-up function of the associated input signal, WUI30 to WUI37. For a de-
tailed description of the register, see the above description of the WKEN1 register.
Location: 00 FFDC16
Type: R/W
Enable Register (WKEN4)
Byte-wide read/write register that enables the wake-up function of the associated input signal, WUI40 to WUI47. For a de-
tailed description of the register, see the above description of the WKEN1 register.
Location: 00 FFDE16
Type: R/W
Pending Clear Register (WKPCL1)
Byte-wide write-only register that controls the clearing (0) of the pending bits associated with the WUI10 through WUI17 in-
puts. This avoids potential hardware/software collisions during read-modify-write operations. The WKPCL1 register format
is shown below:
Location: 00 FFCA16
Type: WO
Bit
76543210
Name
WKEN17-WKEN10
Reset
00000000
Bit
Description
7-0
Wake-Up Enable. If set (1), a valid trigger condition on the associated input generates a wake-up signal or
EXTINTx interrupt request
Bit
76543210
Name
WKCL17-WKCL10
Bit
Description
7-0
Clear Pending Flag. If a 1 is written to any bit, the associated pending flag located in WKPND1 is cleared (0).
Writing a 0 to any bit leaves the value of the corresponding pending flag unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com