Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 110Page - National Semiconductor (TI) PC87591E Datasheet HTML 111Page - National Semiconductor (TI) PC87591E Datasheet HTML 112Page - National Semiconductor (TI) PC87591E Datasheet HTML 113Page - National Semiconductor (TI) PC87591E Datasheet HTML 114Page - National Semiconductor (TI) PC87591E Datasheet HTML 115Page - National Semiconductor (TI) PC87591E Datasheet HTML 116Page - National Semiconductor (TI) PC87591E Datasheet HTML 117Page - National Semiconductor (TI) PC87591E Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
114
Revision 1.07
4.5.1
Features
●
General-Purpose Input/Output (GPIO) Port (Px).
— Each pin functions as input or output signal.
— Direction register controls the port direction.
— Weak pull-up.
— Read-back on all registers.
●
General-Purpose Input (GPI) Port (Py).
— All port pins function as input signals.
— Weak pull-up.
— Read-back on all control registers.
●
General-Purpose Output (GPO) Port (Pz).
— All pins function as output signals.
— Read-back on all registers.
●
General-Purpose Input/Output (GPIO) Port (Pw).
— DEV environment support.
— Pins shared with DEV environment signals.
— Off-chip implementation supported in DEV environments.
— Binary and cycle-by-cycle compatibility between environments.
— Each pin functions as input or output signal.
— Direction register controls the port direction.
— Read-back on all registers.
●
Each I/O pin can be configured as a GPIO port or as an alternate function.
— Some I/O or input pins can provide interrupt functions.
4.5.2
GPIO Port Px
Bidirectional Port with Alternate Function
The GPIO port enables access to input and output pins. It also controls the pin usage either as an I/O port or in its alternate
function. Figure 33 illustrates this functionality.
PIN
Direction
Data Output
{
Direction
Register
{
Weak Pull-Up
Register
Data Input Register
Data Out
Alt Device Data
Alt
Alt
Alt Device Direction
Alt
Alt Device Data Input
Data Input Read
Pull-Up
Weak Pull-Up
Alternate
Function
{
Register
PxAlt
(PxWPU)
(PxDIR)
(PxDOUT)
PxDIN
Alt
Figure 33. GPIO Port Px Schematic Diagram
{
Output
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com