Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 113Page - National Semiconductor (TI) PC87591E Datasheet HTML 114Page - National Semiconductor (TI) PC87591E Datasheet HTML 115Page - National Semiconductor (TI) PC87591E Datasheet HTML 116Page - National Semiconductor (TI) PC87591E Datasheet HTML 117Page - National Semiconductor (TI) PC87591E Datasheet HTML 118Page - National Semiconductor (TI) PC87591E Datasheet HTML 119Page - National Semiconductor (TI) PC87591E Datasheet HTML 120Page - National Semiconductor (TI) PC87591E Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
117
www.national.com
Input Buffer
The input buffer characteristics are defined in Section 2.2 on page 41. The input buffer has an enable input. When enabled,
the buffer inputs the pin’s logic level to the on-chip modules. When disabled, the input is blocked to prevent supply leakage
currents.
Weak Pull-Up
The weak pull-up is enabled when the corresponding bit of PyWPU is set (1). This pull-up can prevent the input from being
in an undefined state.
Alternate Function
PyALT controls the use of each of the port pins for GPI or for the pin’s respective alternate function.
When a PxALT bit is cleared (0):
●
The corresponding pin is used as a GPI pin.
●
The input buffer is routed to the Data Input register.
In this case, the input buffer is blocked, except when the buffer is actually being read.
●
The pull-up is enabled when both the PyWPU is set and the output buffer is put in TRI-STATE.
When a bit in PxALT is set (1):
●
The corresponding pin is used for an alternate function (i.e., a signal to some other PC87591x module).
●
The input buffer is always enabled; therefore, to minimize current consumption, the signal should be held above VCC−0.2
or below GND+0.2V.)
●
The pull-up is enabled when both the PyWPU is set and the output buffer is put in TRI-STATE.
Data Input
The Data Input (PyDIN) register returns the current value/state of the pin. This register can always be read.
4.5.4
GPO Port Pz
Output Only Port with Alternate Function
The General-Purpose Output (GPO) port (Pz) is a subset of the GPIO functions. It enables the port to be used as a GPO
port or as an output signal for an alternate function. Figure 36 illustrates its functionality.
Output Buffer
The output buffer is a TRI-STATE buffer. The output type (i.e., CMOS or TTL) and its driving capabilities are described in
Section 2.2 on page 41.
Alternate Function
The PzALT controls the use of each of the port pins for GPO or for the pin’s respective alternate function.
When a PzALT bit is cleared (0):
●
The corresponding pin is used as a GPO pin.
●
The output buffer is controlled by the Data Output register.
When a bit in PzALT is set (1):
●
The corresponding pin is used for an alternate function (i.e., a signal from or to some other module of the PC87591x).
●
The output buffer data is controlled by signals coming from the alternate module.
PIN
Data Output
Register
{
Alt Device
Alt
PzAlt
Alternate
Function
Register
{
Data Out
(PzDOUT)
Alt
Figure 36. GPO Port Pz Schematic Diagram
Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com