Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 109Page - National Semiconductor (TI) PC87591E Datasheet HTML 110Page - National Semiconductor (TI) PC87591E Datasheet HTML 111Page - National Semiconductor (TI) PC87591E Datasheet HTML 112Page - National Semiconductor (TI) PC87591E Datasheet HTML 113Page - National Semiconductor (TI) PC87591E Datasheet HTML 114Page - National Semiconductor (TI) PC87591E Datasheet HTML 115Page - National Semiconductor (TI) PC87591E Datasheet HTML 116Page - National Semiconductor (TI) PC87591E Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
113
www.national.com
4.5
GENERAL-PURPOSE I/O (GPIO) PORTS
The PC87591x includes four types of General-Purpose I/O (GPIO) ports: Px, Py, Pz and Pw.
●
Px signals: Each signal is bidirectional and can be configured as input or output. An internal weak pull-up is provided
to hold the pin high when used as an input or in an open-drain scheme.
●
Py signals: Each signal is input only. An internal weak pull-up is provided to hold the pin high.
●
Pz signals: Each signal is output only. It may be configured to work as totem-pole or in an open-drain scheme.
●
Pw signals: Each signal is bidirectional and can be configured for input or output. The Pw pins may be shared with
development system functions. These ports can be implemented off-chip in DEV environment using external logic.
The GPIO signals are organized in ports. Each port is either 8-bits or 16-bits wide. In ports where not all eight bits are used,
some of the register’s bits are reserved. Some GPIO signals share their pins with one or more alternate functions. A config-
uration bit selects which function is active (see Section 2.4 on page 54).
Note: Some GPIO signals are only available in a 176-pin package.
GPIO Port Functionality
The PC87591x provides 117 GPIO pins in the 176-pin package and 84 GPIO pins in the 128-pin package. They are subdi-
vided into the following groups:
●
Ports IOPA(7-0), IOPB(7-0), IOPC(7-0), IOPD(7-0) and IOPF(7-0)
These ports are on-chip, General-Purpose Input/Output (GPIO) ports (type Px).
IOPC0 is reserved for power supply control use. Bit 0 of PCALT, PCDIR, PCWPU and PCDOUT are reset on VCC Power-
Up reset and WATCHDOG reset only.
PB5 and PB6 have an option for automatic TRI-STATE based on LPCPD. See “MSWC Control Status Register 3
(MSWCTL3)” on page 330 for the enable function.
PB6 is selected to its alternate function, by default (i.e., bit 6 is set to 1).
Ports IOPA4-0, IOPB2-0, IOPC0 and IOPD3 have the option to echo the value of the associated input. For the exact
echo matrix specifications, see Section 2.4.3 on page 59.
Bit 5 of PBALT register, bit 0 of PCALT register and bits 4-7 of PDALT register are read only (RO) and return a value of
zero.
●
IOPE(7-0) and KBSIN(7-0)
These are General-Purpose Input (GPI) ports (type Py). IOPE(3-0) and IOPE5 do not implement the pull-up function,
and the respective bits in PEWPU are reserved. KBSIN has no alternate function; thus it has no PyALT register.
●
KBSOUT(15-0)
This is a 16-bit General-Purpose Output (GPO) port (type Pz). Since KBSOUT has no alternate functions, its alter-
nate function register is not implemented. The reset value of KBSOUT register is FFFF16. KBSOUT has open-drain
output drivers.
●
Ports IOPH(7-0), IOPI(7-0), IOPJ(7-0), IOPK(7-0),IOPL(4-0) and IOPM(7-0)
These ports are on-chip, General-Purpose Input/Output (GPIO) ports (type Pw).
●
When the analog function is enable, the Read function, for GPIO signals that are multiplexed with analog functions,
is disabled; this affects signals KBSIN(7-0) and IOPE(3-0).
When the BIU function is enabled, the Read function, for GPIO signals that are multiplexed with BIU signals, is dis-
abled; this affects signals PH(7-0), PI(7-0), PJ(1-0), PK(7-0), PL(7-0) and PM(7-0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com