Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 108Page - National Semiconductor (TI) PC87591E Datasheet HTML 109Page - National Semiconductor (TI) PC87591E Datasheet HTML 110Page - National Semiconductor (TI) PC87591E Datasheet HTML 111Page - National Semiconductor (TI) PC87591E Datasheet HTML 112Page - National Semiconductor (TI) PC87591E Datasheet HTML 113Page - National Semiconductor (TI) PC87591E Datasheet HTML 114Page - National Semiconductor (TI) PC87591E Datasheet HTML 115Page - National Semiconductor (TI) PC87591E Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
112
Revision 1.07
Pending Clear Register (WKPCL2)
Controls the clearing (0) of the pending bits associated with the WUI20 through WUI27 inputs. For a detailed description of
the register see, the above description of the WKPCL1 register.
Location: 00 FFCE16
Type: WO
Pending Clear Register (WKPCL3)
Controls the clearing (0) of the pending bits associated with the WUI30 through WUI37 inputs. For a detailed description of
the register, see the above description of the WKPCL1 register.
Location: 00 FFD216
Type: WO
Pending Clear Register (WKPCL4)
Controls the clearing (0) of the pending bits associated with the WUI40 through WUI47 inputs. For a detailed description of
the register, see the above description of the WKPCL1 register.
Location: 00 FFD616
Type: WO
4.4.4
Usage Hints
1. When changing an edge select, perform the following steps to avoid a spurious wake-up condition, which may occur as
a result of the edge change:
a. Clear the associated WKENxx bit.
b. Select the required the edge in the WKEDGx register.
c. Clear the associated WKPDxx bit.
d. Re-enable the associated WKENxx bit.
2. The correct use of the Multi-Input Wake-Up circuit, which avoids false triggering of a wake-up condition, requires the
following sequence of actions. Use the same procedure following a Reset since the wake-up inputs are left floating, pro-
ducing unknown data on the MIWU input signals.
a. If the input originates from an I/O port, write to the port alternate function and, if required, direction register to set the
pin to interrupt inputs.
b. Clear the WKENAx register or, if a WKOxx interrupt is used, disable the interrupt via the ICU.
c. Write the WKEDGx register to select the desired type of edge sensitivity for each of the pins used.
d. Clear the WKPNDx register to cancel any pending bits.
e. Either set the WKENxx bits associated with the pins to be used, thus enabling them for the wake-up/interrupt function,
or re-enable the interrupt via the ICU.
3. On Reset, the WKEDGx registers are configured to select positive edge sensitivity for all wake-up inputs. To change the
edge sensitivity of an input signal while preventing the false triggering of a wake-up/interrupt condition, use the following
procedure.
a. Clear the WKENxx bit associated with the WUIxx input to disable that input.
b. Write to the WKEDGx register to select the new type of edge sensitivity for the specific input.
c. Clear the WKPDxx bit associated with the WUIxx input.
d. Set the WKENxx bit associated with the WUIxx input to re-enable it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com