Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 167Page - National Semiconductor (TI) PC87591E Datasheet HTML 168Page - National Semiconductor (TI) PC87591E Datasheet HTML 169Page - National Semiconductor (TI) PC87591E Datasheet HTML 170Page - National Semiconductor (TI) PC87591E Datasheet HTML 171Page - National Semiconductor (TI) PC87591E Datasheet HTML 172Page - National Semiconductor (TI) PC87591E Datasheet HTML 173Page - National Semiconductor (TI) PC87591E Datasheet HTML 174Page - National Semiconductor (TI) PC87591E Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
171
www.national.com
Temperature Sensor Interface (TSI). The TSI generates the diode current and converts the voltage drop to a single-ended
voltage. In addition, the TSI of the remote diode enables open/short detection for the diode connection cable and sets the
corresponding status bits.
Analog Multiplexer. A 16 to 1 analog multiplexer selects one of the inputs for measurement by connecting it to the A/D con-
verter. Switching between inputs at different voltage levels requires delaying the conversion start until the input voltage to
the A/D converter has settled to the desired accuracy.
A/D Converter. The
Σ−∆, high-resolution A/D converter receives the selected input and converts it. The result of the con-
version is either a 10-bit, unsigned integer digital value (0 to 1023) for voltage inputs or an 8-bit, 2s complement digital value
(
−128 to +127) with the Least Significant Bit (LSB) having the value of 1°C for temperature inputs.
A high-precision internal reference generator sets the full-scale voltage value (VFS) of the A/D converter.
ADC Cycle. The ADC has four output “channels”: one for temperature and three for voltage measurement. The voltage
measurement channels are not related to specific inputs. They hold the input select control data for the next measurement
and contain a buffer in which the conversion result is stored. The temperature channel is slightly different, since it lacks the
input select control data. It “toggles” between the remote and local diode inputs, unless the remote diode input is disabled.
An ADC cycle includes measurements of all four channels and a calibration operation. The first measurement is of the tem-
perature channel, followed by a calibration measurement and the three voltage channels in ascending order, each for the
specific input number contained in its control register. The ADC waits for a programmable delay between the selection of an
input and the A/D conversion start that is necessary for A/D input settling to the required accuracy.
At the end of each A/D conversion, the result is stored in the corresponding buffer and a Data Valid (DATVAL) flag is set.
At the end of the ADC cycle, a flag is set indicating that all the channels contain new data. If enabled, an interrupt request
is sent to the core.
After reading the data at the end of the cycle, the software may choose to set up new values for the input select control data
in order to measure different inputs during the following cycle. Another option is to use the old values for one or more voltage
channels and repeat the measurement on the previous inputs for a higher sampling rate. Any voltage output channel may
be disabled in order to skip its related measurement during the ADC cycle (shorter cycle).
Digital Comparator. A digital comparator checks the temperature measured by the local diode by comparing it with a user-
programmable limit. When the temperature of the PC87591x exceeds the Overtemperature Limit, the Overtemperature
Shutdown (OTS) signal becomes active and an interrupt request (if enabled) is sent to the core.
ADC Control/Status Registers and Data Out Buffers. These may be read/written by the core through the Peripheral bus.
Timing Control. This block reduces the frequency of the system clock to the lower value required by the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com