Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 175 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 175 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 171Page - National Semiconductor (TI) PC87591E Datasheet HTML 172Page - National Semiconductor (TI) PC87591E Datasheet HTML 173Page - National Semiconductor (TI) PC87591E Datasheet HTML 174Page - National Semiconductor (TI) PC87591E Datasheet HTML 175Page - National Semiconductor (TI) PC87591E Datasheet HTML 176Page - National Semiconductor (TI) PC87591E Datasheet HTML 177Page - National Semiconductor (TI) PC87591E Datasheet HTML 178Page - National Semiconductor (TI) PC87591E Datasheet HTML 179Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
175
www.national.com
In this state, all ADC activities are halted and ADC current consumption from the AVCC is reduced. Note that re-enabling the
ADC causes an activation delay.
It is recommended to disable the ADC only after the buffer registers of all four channels have been read.
Interrupt Structure
The ADC Interrupt is a level high interrupt, generated if one (or more) of the events in Table 23 becomes active. The ADC
interrupt is connected to the ICU.
When an event flag and its related mask bit are set (enabled), the ADC Interrupt request is asserted. This is indicated by
a high level of the ADC Interrupt signal.
The software must reset the event flag (or reset its mask bit) in order to deassert the ADC Interrupt request.
All the interrupt mask bits (interrupt disabled), the data-related event flags (EOCEV and the four DATVAL bits) and the con-
nection-failure event flag (OPSHEV) are cleared by both reset conditions. The overtemperature event flag (OTSEV) is
cleared only by VCC Power-Up Reset.
The ADC Interrupt is routed to the ICU as an ADCI signal (see Section 4.3 on page 98).
ADC Operating Principles
Measurement Sequence. The following measurements are executed, in the order listed, during one ADC cycle for all en-
abled channels:
1. Temperature measurement, from the input indicated by SELIN field in TCHANCTL register. The A/D conversion starts
by selecting the input and waiting for the time period (TMPDLY delay) set in ADLYCTL register. The resulting 8-bit digital
value is stored in TCHANDAT register, and DATVAL bit in TCHANCTL register is set.
2. Voltage measurement for Voltage Channel 1, from the input selected by SELIN field in VCHN1CTL register. The A/D
conversion starts by selecting the input and waiting for the time period (VOLDLY delay) set in ADLYCTL register. The
resulting 10-bit digital value is stored in VCHN1DAT register, and DATVAL bit in VCHN1CTL register is set. Note: This
measurement is skipped if Voltage Channel 1 is disabled by setting the SELIN field in VCHN1CTL register to 1F16.
3. Voltage measurement for Voltage Channel 2, as above, using the VCHN2CTL and VCHN2DAT registers.
4. Voltage measurement for Voltage Channel 3, as above, using the VCHN3CTL and VCHN3DAT registers.
5. End of the ADC cycle. EOCEV bit in ADCSTS register is set (in addition to all the relevant DATVAL bits).
The software may read the measurement result for each channel immediately after its DATVAL bit is set. Alternatively, the
results may be read at the end of the cycle when EOCEV bit is set. After the data in VCHNiDAT register is read, the software
should clear the relevant DATVAL bit to indicate that the data in the buffers has been read.
The ADC cycle duration may be calculated using the formula below (N is the number of enabled voltage channels):
TADC cycle =2 * (tTD +tTC) + (N+1) * (tVD +tVC)
Where:
tTD - Temperature Conversion Delay Time
tTC - Temperature Conversion Time
tVD - Voltage Conversion Delay Time
tVC - Voltage Conversion time
Table 23. ADC Interrupt Structure
Event Flag
Register
Mnemonic
Mask Bit
Register
Mnemonic
Description
OPSHEV
ADCSTS
INTOSEN
ADCCNF
Open/Short Event/Enable
OTSEV
ADCSTS
INTOTEN
ADCCNF
Overtemperature Event/Enable
EOCEV
ADCSTS
INTECEN
ADCCNF
End-of-Cycle Event/Enable
DATVAL
TCHANCTL
INTDVEN
TCHANCTL Data Valid Event/Enable (Temperature Channel)
DATVAL
VCHN1CTL
INTDVEN
VCHN1CTL Data Valid Event/Enable (Voltage Channel 1)
DATVAL
VCHN2CTL
INTDVEN
VCHN2CTL Data Valid Event/Enable (Voltage Channel 2)
DATVAL
VCHN3CTL
INTDVEN
VCHN3CTL Data Valid Event/Enable (Voltage Channel 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com