Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 177 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 177 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 173Page - National Semiconductor (TI) PC87591E Datasheet HTML 174Page - National Semiconductor (TI) PC87591E Datasheet HTML 175Page - National Semiconductor (TI) PC87591E Datasheet HTML 176Page - National Semiconductor (TI) PC87591E Datasheet HTML 177Page - National Semiconductor (TI) PC87591E Datasheet HTML 178Page - National Semiconductor (TI) PC87591E Datasheet HTML 179Page - National Semiconductor (TI) PC87591E Datasheet HTML 180Page - National Semiconductor (TI) PC87591E Datasheet HTML 181Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
177
www.national.com
An interrupt is expected from EOCEV when using the sequence listed in the EOCEV-driven ADC operation sequence (see
above). The EOCEV interrupt indicates that all four channels contain valid data and may be read. Interrupts from the
DATVAL bits should be disabled.
An interrupt is expected from one of the DATVAL bits when using the sequence listed in the DATVAL-driven ADC operation
sequence (see above). The DATVAL interrupt indicates that only its channel contains valid data that may be read. Interrupts
from the EOCEV bit should be disabled.
Failure Detection
Open/Short. At the beginning of the temperature measurement from the remote diode, the Temperature Sensor Interface
checks the condition of the interconnection (shorted or disconnected cable) and updates OPSHTYPE and OPSHEV in
ADCSTS register (see Section 4.11.6 on page 177). Although the measurement is executed and the DATVAL bit in
TCHANCTL register is set, the contents of the data buffer (TCHANDAT) should be ignored.
Overtemperature. At the end of the temperature measurement from the local diode (after DATVAL bit in TCHANCTL reg-
ister is set), the ADC compares the measured temperature with the limit value set by OTSLIM in TLOCOTL register. When-
ever the measured temperature is higher than the limit value, OTSEV in ADCSTS register is set and an active low OTS signal
is issued.
Overflow. An overflow occurs when DATVAL bit in TCHANCTL register is set at the end of a measurement, indicating that
the result of the previous measurement was not read. If an overflow occurs in at least one channel, the new measurement
result overrides the old data in the buffer, and OVFEV in ADCSTS register is set. This indicates that the result of the previous
measurement was lost.
4.11.6 ADC Registers
The ADC control/status and data out registers set interfaces with the core through the Peripheral bus. These registers are
mapped in the address space of the core, starting at the base address defined in Section B.1 on page 434.
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
ADC Register Map
The ADC register set contains seven common, control and status registers and eight channel-specific registers.
Table 24. ADC Register Map
Mnemonic
Register Name
Type
ADCSTS
ADC Status
Varies per bit
ADCCNF
ADC Configuration
R/W
ACLKCTL
ADC Clock Control
R/W
ADLYCTL
ADC Delay Control
R/W
TLOCOTL
Local Diode Overtemperature Limit
R/W
ADCPINX
ADC Parameters Index
R/W
ADCPD
ADC Parameters Data
R/W
TCHANCTL
Temperature Channel Control
Varies per bit
TCHANDAT
Temperature Channel Data Buffer
RO
VCHN1CTL
Voltage Channel 1 Control
Varies per bit
VCHN1DAT
Voltage Channel 1 Data Buffer
RO
VCHN2CTL
Voltage Channel 2 Control
Varies per bit
VCHN2DAT
Voltage Channel 2 Data Buffer
RO
VCHN3CTL
Voltage Channel 3 Control
Varies per bit
VCHN3DAT
Voltage Channel 3 Data Buffer
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com