Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 169Page - National Semiconductor (TI) PC87591E Datasheet HTML 170Page - National Semiconductor (TI) PC87591E Datasheet HTML 171Page - National Semiconductor (TI) PC87591E Datasheet HTML 172Page - National Semiconductor (TI) PC87591E Datasheet HTML 173Page - National Semiconductor (TI) PC87591E Datasheet HTML 174Page - National Semiconductor (TI) PC87591E Datasheet HTML 175Page - National Semiconductor (TI) PC87591E Datasheet HTML 176Page - National Semiconductor (TI) PC87591E Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
173
www.national.com
4.11.3 Voltage Measurement
The ADC performs a linear conversion of the input voltage signal to a 10-bit, unsigned digital representation. The input signal
should be applied relative to the AGND pin and should range from 0V to VFS (Full Scale).
The equations in the folowing table should be used to calculate the input voltage based on the reading from the Voltage
Channel Data result (VCHDAT field in VCHiDAT register).
An input signal of zero (ground) is converted to 00016; an input signal equal to (1023/1024) * VFS is converted to 3FF16.
Changing the input selection for a new measurement requires switching between inputs at different voltage levels. The input
interface circuits of the ADC, together with the externally added noise-rejection filters (if applicable), require a settling time
to reach the new voltage value with a 10-bit accuracy (less than 1/2 LSB error). Therefore, the ADC waits for a programma-
ble delay time between the selection of the input to be measured and the beginning of the A/D conversion. This Voltage
Channel Delay is expressed in ADC clock cycles in ADC Delay Control register (ADLYCTL). The number of ADC clock cy-
cles should be converted to time using the following formula:
tVD = Number_of_ADC_clocks * (System_clock_cycle) * SCLKDIV(5-0)
To calculate the required delay value according to externally added components, see Section 4.11.7 on page 185.
4.11.4 Temperature Measurement
The ADC performs a linear conversion of the temperature, measured by a remote or a local diode, to an 8-bit, 2s complement
digital representation. The ADC generates a current that flows through the diode and measures the resulting voltage drop.
This differential voltage is converted to an 8-bit value, with the LSB equal to 1
°C, according to Table 22.
Input Channel
Scale
Calculation1
1. See Section 7.4.1 on page 378 for the dynamic range relevant for each input.
AD0 to AD9
Low
Vi = VCHDAT(9-0) * (1 / 1024) * VFSL
AD0 to AD9
High
Vi = VCHDAT(9-0) * (1 / 1024) * VFSH
AD10 to AD13
Low2,3
2. High Scale is undefined for these inputs.
3. These inputs are scaled down by 4 at the input and compensated back at the result read phase.
Vi = VCHDAT(9-0) * (1 / 1024) * VFSV
Table 22. Temperature Format Conversion
Temperature
(
°C)
Temperature Channel Data
Binary
Hex
+1271
1. Values higher than +125
°C and lower than −40°C
are not within the specified operating temperature range.
0111 1111
7F16
+125
0111 1101
7D16
+100
0110 0100
6416
+40
0010 1000
2816
+25
0001 1001
1916
+1
0000 0001
0116
0
0000 0000
0016
−1
1111 1111
FF16
−25
1110 0111
E716
−40
1101 1000
D816
−1281
1000 0000
8016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com