Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 172Page - National Semiconductor (TI) PC87591E Datasheet HTML 173Page - National Semiconductor (TI) PC87591E Datasheet HTML 174Page - National Semiconductor (TI) PC87591E Datasheet HTML 175Page - National Semiconductor (TI) PC87591E Datasheet HTML 176Page - National Semiconductor (TI) PC87591E Datasheet HTML 177Page - National Semiconductor (TI) PC87591E Datasheet HTML 178Page - National Semiconductor (TI) PC87591E Datasheet HTML 179Page - National Semiconductor (TI) PC87591E Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
176
Revision 1.07
See Section 7.4 on page 378 for the values of tTC, Section 4.11.4 on page 173 for tTD calculation and Section Section 4.11.3
on page 173 for tVC calculation.
Temperature inputs from remote and local diodes are measured by alternating the remote and local diodes in each succes-
sive ADC cycle. If the remote diode measurement is disabled (RDMEASEN is set to 0 in TCHANCTL register or REMDEN
in ADCCNF register is set to 0), the local diode temperature is measured every ADC cycle.
Input Selection Field. Each Voltage Channel has its own programmable, input selection field (SELIN in VCHNxCTL regis-
ter). This field determines which input is measured by the channel during the current ADC cycle. The field also indicates to
which input the data in the channel buffer belongs. This field may be modified after the channel buffer has been read and
the DATVAL bit has been reset.
If the input selection field is not changed, the same input is measured during the next ADC cycle. This gives a sampling rate
of one TADC cycle for the specific input. If this field is changed and a different input is sampled, the sampling rate is lower for
each input, but the period for all scanned inputs is shorter.
Operation Sequence. After the ADC is properly initialized and enabled, one of the following example sequences can be used:
●
EOCEV-driven ADC operation sequence for all temperature and voltage channels
●
DATVAL-driven ADC operation sequence for one temperature or voltage channel
EOCEV-Driven ADC Operation Sequence for All Channels
1. When End-of-Cycle is reached (i.e., after all enabled channel conversions are completed), software can detect the event
by waiting for EOCEV bit in ADCSTS register to be set to 1.
2. Read the input number of the temperature channel by reading SELIN in TCHANCTL register.
3. Read the temperature value measured by reading TCHDAT in TCHANDAT register.
4. In preparation for the next measurement, clear DATVAL bit in TCHANCTL register by writing 1 to it.
5. Measure the input number for Voltage Channel 1 by reading SELIN in VCHN1CTL register.
6. Read the number of input measured in Voltage Channel 1 by reading VCHDAT in VCHN1DAT register.
7. In preparation for the next measurement (i.e., to define which input will be measured by Voltage Channel 1 during the
next ADC cycle), clear DATVAL bit in VCHN1CTL register by writing 1 to it (it may be the same input or, optionally, a different
one).
8. For Voltage Channel 2, repeat steps 5 through 7 for the VCHN2CTL and VCHN2DAT registers.
9. For Voltage Channel 3, repeat steps 5 through 7 for the VCHN3CTL and VCHN3DAT registers.
DATVAL-Driven ADC Operation Sequence for One Channel
1. Measure the end of channel by waiting for DATVAL in TCHANCTL or VCHNxCTL register to be set to 1.
2. Measure the input number by reading SELIN in TCHANCTL or VCHNxCTL register.
3. Read the measured data by reading TCHDAT or VCHDAT in TCHANDAT or VCHNxDAT register, respectively.
4. Optional (for voltage channels only): Change the input to be measured during the next ADC cycle: in VCHNxCTL regis-
ter, write a new SELIN value.
5. Prepare the temperature or voltage channel to receive new data: in TCHANCTL or VCHNxCTL register, write 1 to
DATVAL to clear it.
6. In preparation for the next measurement (i.e., to define which input will be measured by the temperature channel or the
voltage channel during the next ADC cycle), clear the DATVAL bit by writing 1 to it (it may be the same input or, option-
ally, a different one).
Reading Measurement Results
Polling-Driven Operation. Measurement results may be read by polling either EOCEV in ADCSTS register or each of the
four DATVAL bits in TCHANCTL register and three VCHNxCTL registers.
Polling EOCEV uses the sequence listed in “EOCEV-Driven ADC Operation Sequence for All Channels”, above. When
EOCEV is set, all four channels contain valid data and may be read.
Polling DATVAL uses the sequence listed in “DATVAL-Driven ADC Operation Sequence for One Channel”, above. When a
DATVAL bit is set, only its channel contains valid data that may be read. In this case, the EOCEV bit is redundant.
Interrupt-Driven Operation. The ADC may generate an interrupt to the core when any of the valid bits is set (EOCEV in
ADCSTS register or DATVAL in either TCHANCTL or any VCHNxCTL register). The interrupt is generated when the interrupt
enable bit for the respective status bit is set. The software in the interrupt routine should check the status bits as described
above for polling-driven operation to verify which of the DATVAL bits is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com