Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 174Page - National Semiconductor (TI) PC87591E Datasheet HTML 175Page - National Semiconductor (TI) PC87591E Datasheet HTML 176Page - National Semiconductor (TI) PC87591E Datasheet HTML 177Page - National Semiconductor (TI) PC87591E Datasheet HTML 178Page - National Semiconductor (TI) PC87591E Datasheet HTML 179Page - National Semiconductor (TI) PC87591E Datasheet HTML 180Page - National Semiconductor (TI) PC87591E Datasheet HTML 181Page - National Semiconductor (TI) PC87591E Datasheet HTML 182Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
178
Revision 1.07
ADC Status Register (ADCSTS)
This register indicates the global status of the ADC module. ADCSTS is cleared (0016)onVCC Power-Up reset; on other
resets, bit 2 is unchanged and other bits are cleared.
Location: 00 FF2016
Type: Varies per bit
Bit
76543210
Name
Reserved
OPSHTYPE
OPSHEV
OTSEV
OVFEV
EOCEV
Warm Reset
00000
-
0
0
Power-Up
Reset
00000000
Bit
Type
Description
0RO
EOCEV (End-of-Cycle Event). End of ADC cycle; all enabled measurements (up to four) are
completed. For each of the enabled channels, the DATVAL bit in the respective TCHANCTL VCHNxCTL
register is set, and the data for the channel is stored in the respective Channel Data Buffer register.
0: Cycle in progress (default)
1: End of ADC cycle (the bit remains set until all DATVAL bits in the Channel Control registers are reset)
1
R/W1C OVFEV (Data Overflow Event). Measurement data from the previous cycle was overwritten with data
from the current cycle before being read. In the event of a data overflow, the DATVAL bit remains set
and new data is placed in Channel Data Buffer register.
0: No overflow (default)
1: Overflow
2
R/W1C OTSEV (Overtemperature Signal Event). Temperature measured by local diode exceeded the limit.
0: Temperature below or equal to the limit (VCC Power-up reset default)
1: Temperature above limit (once set, this bit is cleared by writing 1 to it; writing 0 is ignored)
3
R/W1C OPSHEV (Open/Short Event). Remote diode connection failure (cable shorted or disconnected).
Checked before the beginning of the remote diode temperature measurement (if enabled, REMDEN in
ADCCNF register and RDMEASEN in TCHANCTL register are set to 1).
0: No fault was detected (default)
1: Connection failure - the cable was shorted or disconnected (once set, this bit is cleared by writing 1 to
it; writing 0 is ignored)
4RO
OPSHTYPE (Open or Short Type). Remote diode connection failure type. Indicates the type of error
flagged by OPSHEV.
0: DP shorted to DN or to AGND (default)
1: DP disconnected (floating) or shorted to AVCC
7-5
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com