Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 182 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 182 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 178Page - National Semiconductor (TI) PC87591E Datasheet HTML 179Page - National Semiconductor (TI) PC87591E Datasheet HTML 180Page - National Semiconductor (TI) PC87591E Datasheet HTML 181Page - National Semiconductor (TI) PC87591E Datasheet HTML 182Page - National Semiconductor (TI) PC87591E Datasheet HTML 183Page - National Semiconductor (TI) PC87591E Datasheet HTML 184Page - National Semiconductor (TI) PC87591E Datasheet HTML 185Page - National Semiconductor (TI) PC87591E Datasheet HTML 186Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
182
Revision 1.07
Temperature Channel Control Register (TCHANCTL)
This register both controls the operation and indicates the status of the Temperature channel. TCHANCTL is set to 1016 on
reset.
Location: 00 FF3016
Type: Varies per bit
Temperature Channel Data Buffer (TCHANDAT)
This register (buffer) holds the data measured by the Temperature Channel.
Location: 00 FF3216
Type: RO
Bit
76543210
Name
DATVAL
RDMEASEN
INTDVEN
SELIN
Reset
00010000
Bit
Type
Description
4-0
RO
SELIN (Selected Input). Indicates which temperature input was selected for measurement. If
RDMEASEN is set to 0, only the value 16 dec is read.
Bits
4 3 2 1 0
Description
0 1 1 1 1:
Remote diode (DP, DN pins) selected
1 0 0 0 0:
Local diode (internal) selected (default)
5
R/W
INTDVEN (Interrupt from Data Valid Enable). Temperature channel, Data Valid event (End-of-
conversion) enabled to the ADC Interrupt.
0: Disabled (default)
1: Enabled - ADC Interrupt from local DATVAL
6
R/W
RDMEASEN (Remote Diode Measurement Enable). Enables the temperature measurement using the
remote diode (REMDEN in ADCCNF register is set to 1). Using only the local diode enables a higher
measurement rate for the internal temperature. The temperature channel cannot be disabled
(“skipped”) since the internal temperature measurement is required.
0: Measurement disabled - only the local diode is measured by the temperature channel; forced into this
state when REMDEN in ADCCNF register is set to 0 (default).
1: Measurement enabled - the temperature channel measures both the remote and the local diodes in
successive cycles; possible only if REMDEN is set to 1.
7
R/W1C DATVAL (Data Valid). The Temperature Channel Data Buffer contains new data. The data may be read
immediately or at the end-of-cycle. This flag is cleared when the ADC module is disabled (ADCEN in
ADCCNF register is cleared) or by writing 1 to it.
0: No valid data in TCHANDAT register (default)
1: End of conversion - new data is available in TCHANDAT
Bit
76543210
Name
TCHDAT
Bit
Description
7-0
TCHDAT (Temperature Channel Data). Temperature of either the remote or local diode, measured by the
Temperature Channel. For the temperature word format, see Section 4.11.4 on page 173. The data is valid and
may be read only at the end of the conversion, when DATVAL in TCHANCTL register is set to 1. DATVAL must
be reset after reading the data.
Range:
−128 to +127 (values are decimal); 8-bit, 2s complement value with 1 LSB = 1oC (the value at reset is
undefined).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com