Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 185 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 185 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 181Page - National Semiconductor (TI) PC87591E Datasheet HTML 182Page - National Semiconductor (TI) PC87591E Datasheet HTML 183Page - National Semiconductor (TI) PC87591E Datasheet HTML 184Page - National Semiconductor (TI) PC87591E Datasheet HTML 185Page - National Semiconductor (TI) PC87591E Datasheet HTML 186Page - National Semiconductor (TI) PC87591E Datasheet HTML 187Page - National Semiconductor (TI) PC87591E Datasheet HTML 188Page - National Semiconductor (TI) PC87591E Datasheet HTML 189Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
185
www.national.com
Voltage Channel 3 Control Register (VCHN3CTL)
This register controls the operation and indicates the status of Voltage Channel 3. VCHN3CTL is set to 1F16 on reset.
Location: 00 FF3C16
Type: Varies per bit
Voltage Channel 3 Data Buffer (VCHN3DAT)
This register (buffer) holds the data measured by Voltage Channel 3.
Location: 00 FF3E16
Type: RO
4.11.7 Usage Hints
Power Supply and Layout Guidelines
For more information, see Section 3.1.3 on page 63.
Power Consumption
ADC power consumption from the analog supply (AVCC) is practically zero if the ADC is disabled by setting ADCEN in
ADCCNF register to 0.
When the ADC is enabled, the current consumption depends on the channel type measured (voltage or temperature) and
the ADC clock frequency. To minimize current consumption, disable the ADC when not in use. See details in “Enabling and
Disabling the ADC” on page 174.
Back-Drive Protection
To maintain the high performance of the analog circuits, AD(0-7), AD8/DP and AD9/DN pins are not back-drive protected.
Therefore, the voltage applied to these pins must be within the AGND to AVCC range; otherwise, the device may be dam-
aged. External circuits should not drive currents into these pins when the PC87591x is not powered up.
Measuring Out of Range Voltages
The ADC is capable of measuring positive input voltages from 0V to VFS. Input voltages outside this range should either be
divided or level-shifted, as required.
Bit
76543210
Name
DATVAL
CSCALE
INTDVEN
SELIN
Reset
00011111
Bit
Type
Description
4-0
R/W
SELIN (Selected Input). Same as Voltage Channel 1.
5
R/W
INTDVEN (Interrupt from Data Valid Enable). Same as Voltage Channel 1.
6
R/W
CSCALE (Channel Scale). Same as Voltage Channel 1.
7
R/W1C DATVAL (Data Valid). Same as Voltage Channel 1.
Bit
15
14
13
12
11
10
9876543210
Name
Reserved
VCHDAT
Bit
Description
9-0
VCHDAT (Voltage Channel 3 Data). Same as Voltage Channel 1.
15-10 Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com