Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 187 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 187 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 183Page - National Semiconductor (TI) PC87591E Datasheet HTML 184Page - National Semiconductor (TI) PC87591E Datasheet HTML 185Page - National Semiconductor (TI) PC87591E Datasheet HTML 186Page - National Semiconductor (TI) PC87591E Datasheet HTML 187Page - National Semiconductor (TI) PC87591E Datasheet HTML 188Page - National Semiconductor (TI) PC87591E Datasheet HTML 189Page - National Semiconductor (TI) PC87591E Datasheet HTML 190Page - National Semiconductor (TI) PC87591E Datasheet HTML 191Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
187
www.national.com
Remote Diode Selection
Temperature accuracy depends on a good quality transistor used as a diode-connected, small-signal transistor. Accuracy
has been experimentally verified for the devices, among them Motorola, listed in Table 25. A temperature sensor can directly
measure the die temperature of CPUs with on-board temperature-sensing diodes.
The transistor must be a small-signal type with a relatively high forward voltage; otherwise, the A/D input voltage range might
be violated. The forward voltage must be greater than 0.25V at 10
µA for the highest expected temperature. The forward
voltage must be less than 0.95V at 100
µA for the lowest expected temperature. Large power transistors do not work. Also,
ensure that the base resistance is less than 100
Ω. Tight specifications for forward-current gain (+50 to +150, for example)
indicate devices with consistent VBE characteristics.
Thermal mass can seriously degrade the temperature sensor’s effective accuracy. The use of smaller packages for remote
sensors, such as SOT23s, improves the situation.
Table 25. Remote Sensor Transistor Manufacturers
Filtering the Noise on Temperature Input Signals
Noise may be coupled to the input signal for various reasons, including close proximity to digital circuits. The ADC conver-
sion technology has good noise rejection especially for low-frequency signals, such as power supply hum. Rejection of high-
frequency noise can be improved using an external filter capacitor and PC board layout.
High-frequency noise is best filtered by placing a capacitor (CC of 2.2 nF) between pins DP and DN (see Figure 64), in prox-
imity to the PC87591x pins. The connection to the diode should use a twisted wire pair or a PCB that is read out using the
guidelines below.
It is most important to prevent any leak to ground, especially from the DP pin and serial resistance on the current loop to the
diode.
Manufacturer
Model
Central Semiconductor (USA)
CMPT3904
Motorola (USA)
MMBT3904
National Semiconductor (USA)
MMBT3904
Rohm Semiconductor (Japan)
SST3904
Samsung (Korea)
KST3904-TF
Siemens (Germany)
SMBT3904
Zetex (England)
FMMT3904CT-ND
R
NTC
ADn
AVCC
AGND
Figure 63. Measuring Temperature Using Thermistors
a. NTC Thermistor
b. PTC Thermistor
CF
AVCC
PTC
R
ADn
AGND
CF
Thermistor
To
To
Thermistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com