Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 186Page - National Semiconductor (TI) PC87591E Datasheet HTML 187Page - National Semiconductor (TI) PC87591E Datasheet HTML 188Page - National Semiconductor (TI) PC87591E Datasheet HTML 189Page - National Semiconductor (TI) PC87591E Datasheet HTML 190Page - National Semiconductor (TI) PC87591E Datasheet HTML 191Page - National Semiconductor (TI) PC87591E Datasheet HTML 192Page - National Semiconductor (TI) PC87591E Datasheet HTML 193Page - National Semiconductor (TI) PC87591E Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
190
Revision 1.07
4.12 DIGITAL TO ANALOG CONVERTER (DAC)
The DAC converts digital input values to analog signals. The DAC support four channels for handling up to four independent
conversions in parallel.
4.12.1 Features
●
8-bit resolution
●
Independent 4-channel D/A converter
●
Fast settling time, 1
µs typical, on 50 pF capacitive load
●
Output range from AGND to AVCC
●
Independent enable/disable for each channel
●
All converters can be automatically disabled in Idle mode
●
Low power consumption when enabled; zero power consumption when disabled
●
Outputs drive 0V when disabled
4.12.2 Functional Description
The DAC has four independent digital-to-analog converters. Each converter generates an output in the range of 0V to AVCC,
with 8-bit resolution. The converters drive the four output pins DA0-3, as shown in Figure 67. An output impedance of 3 K
Ω
allows a settling time of about 1
µs on a 50 pF load.
When a DAC channel is enabled, its output is defined by the value written to its DACDATn register. DACDAT0-3 control
DA0-3, respectively. The maximum output voltage is (255
÷ 256)
* AVCC and is obtained for a value of FF16. The minimum
output, 0V, is obtained for a value of 0016.
The reference voltage of the converters is the AVCC analog power supply voltage. This allows full swing of the outputs from
0V to nearly AVCC.
After reset, all four channels are disabled and the voltage on the DA0-3 outputs is 0V.
In Idle mode, the DAC channels may be enabled or disabled (to reduce power consumption). Two control modes are pro-
vided:
●
Automatic disable of all channels on entering Idle mode
●
Selective disable of channels by software, before entering Idle mode
4.12.3 D/A Conversion
Output Signal
The DAC performs a linear conversion of the input digital value DACDATA7-0 registers to a unipolar analog output signal,
relative to the analog ground pin (AGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com