Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 192 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 192 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 188Page - National Semiconductor (TI) PC87591E Datasheet HTML 189Page - National Semiconductor (TI) PC87591E Datasheet HTML 190Page - National Semiconductor (TI) PC87591E Datasheet HTML 191Page - National Semiconductor (TI) PC87591E Datasheet HTML 192Page - National Semiconductor (TI) PC87591E Datasheet HTML 193Page - National Semiconductor (TI) PC87591E Datasheet HTML 194Page - National Semiconductor (TI) PC87591E Datasheet HTML 195Page - National Semiconductor (TI) PC87591E Datasheet HTML 196Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
192
Revision 1.07
4.12.4 Operation
Initializing the DAC
The PC87591x wakes up after power-up with all the D/A channels disabled (DACEN0-3 bits in DACCTRL register are
cleared to 0). In this state, all DAC activities are halted, and its current consumption is reduced to zero.
DACDATn registers (n=0 to 3) must be initialized to 0016, or according to the required output level, before setting DACEN0-3
in DACCTRL register to 1.
Enabling and Disabling the DAC
Enabling the DAC. Each channel of the DAC is enabled independently by setting its DACEN bit. After enabling, it settles to
the value stored in DACDATn register after the specified settling time.
Disabling the DAC. The DAC channels may be independently disabled in order to reduce current consumption by clearing
the corresponding DACENn (n=0 to 3) bit in DACCTRL register. In this case, the output pin drives 0V, even if the respective
DACDATn register does not contain 0016.
Figure 67. DAC Functional Diagram
DAC0
DA0
DA1
DA2
DA3
AVCC
AGND
DAC
DACDAT0
Analog
Power
AVCC
to other
modules
DAC
Control
Register
DAC1
DACDAT1
DAC2
DACDAT2
DAC3
VREF
DACDAT3
IDLE
AVCC
VREF
VREF
VREF
3.3V
Peripheral Bus
PC87591x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com