Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 188 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 188 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 184Page - National Semiconductor (TI) PC87591E Datasheet HTML 185Page - National Semiconductor (TI) PC87591E Datasheet HTML 186Page - National Semiconductor (TI) PC87591E Datasheet HTML 187Page - National Semiconductor (TI) PC87591E Datasheet HTML 188Page - National Semiconductor (TI) PC87591E Datasheet HTML 189Page - National Semiconductor (TI) PC87591E Datasheet HTML 190Page - National Semiconductor (TI) PC87591E Datasheet HTML 191Page - National Semiconductor (TI) PC87591E Datasheet HTML 192Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
188
Revision 1.07
Calculating the Temperature Channel Delay
The delay time is the period between diode selection and the A/D conversion start. Due to the switched diode current, this
delay should be long enough to guarantee the voltage settling at the input of the A/D converter to within 0.5oC. This includes
the input interface circuits of the ADC and the externally added capacitors (CC).
It is preferable to use the minimal delay possible for the system. This depends on the capacitance on the wires and serial
resistance. TMPDLY field of ADLYCTL register defines the delay. Typically, a delay of 128 or 256 clocks (values 3 and 4,
respectively) is adequate. To find the best value, start from a high delay and reduce it until the point that the temperature
readouts starts to change. This parameter is mostly board layout and component dependent.
PC Board Layout
●
Place the PC87591x as close as practical to the remote diode.
In a noisy environment, such as a computer moth-
erboard, this distance can be 4 in. to 8 in. (typical) or more, as long as the worst noise sources (such as CRTs, clock
generators, memory buses and ISA/PCI buses) are avoided.
●
Do not route the DP and DN lines next to high inductance signals. Also, do not route the traces across a fast memory
bus, which can easily introduce +30˚C error, even with good filtering. Otherwise, most noise sources are fairly benign.
●
Route the DP and DN traces in parallel and in close proximity to each other, away from any high voltage traces such
as +12V DC. Beware of leakage currents from PC board contamination; e.g., a 20 M
Ω leakage path from DP to
ground causes about +1˚C error.
●
Connect guard traces to AGND on either side of the DP and DN traces (Figure 65). An additional AGND plane should
be placed “beneath” these traces. With guard traces and AGND plane in place, routing near high-voltage traces is no
longer a problem.
●
Route through as few vias and crossunders as possible to minimize copper/solder thermocouple effects.
●
When introducing a thermocouple, make sure that both the DP and DN paths have matching thermocouples.
In general, PC board-induced thermocouples are not a serious problem. A copper-solder thermocouple exhibits
3
µV/˚C, and it takes about 200 µV of voltage error at DP and DN to cause a 1˚C measurement error. Therefore, most
parasitic thermocouple errors can be ignored.
●
Use wide traces. Narrow ones are more inductive and tend to pick up radiated noise. The 10 mil widths and spacings
recommended in Figure 65 are not absolutely necessary (as they offer only a minor improvement in leakage and
noise), but try to use them where practical.
2N3904
DP
DN
Twisted Wire Pair or
CC
Q1
PC87591x
CD = 2.2 to 3.3 nF
shielded PCB lines
Figure 64. Typical Remote Diode Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com