Electronic Components Datasheet Search
  English  ▼

X  

GC5016 Datasheet(PDF) 76 Page - Texas Instruments

Part # GC5016
Description  WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5016 Datasheet(HTML) 76 Page - Texas Instruments

Back Button GC5016 Datasheet HTML 72Page - Texas Instruments GC5016 Datasheet HTML 73Page - Texas Instruments GC5016 Datasheet HTML 74Page - Texas Instruments GC5016 Datasheet HTML 75Page - Texas Instruments GC5016 Datasheet HTML 76Page - Texas Instruments GC5016 Datasheet HTML 77Page - Texas Instruments GC5016 Datasheet HTML 78Page - Texas Instruments GC5016 Datasheet HTML 79Page - Texas Instruments GC5016 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
GC5016
SLWS142G − JANUARY 2003 − REVISED NOVEMBER 2005
www.ti.com
76
Table 47. FIR Accumulator Controls Page 0x14 Address 0x11
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
E
E
acc_dly
3..0
FIR accumulator delay minus 1
E
E
acc_cnt
7..4
FIR number of partial products to accumulate
E
E
acc_dly0
8
FIR no accumulator delay (1) or not (0)
E
E
acc_bypass
9
FIR accumulator bypass (1) or normal (0). Must also set acc_cnt to zero for bypass.
E
E
acc_enram
10
FIR enable accumulate ram (1) normal. Set to 0 when acc_dly0 is 1.
Table 48. FIR Output Page 0x14 Address 0x12
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
C
C
fir_shift
2..0
FIR shift up. Increase filter gain
C
C
fir_xenq
3
FIR transmit enable q. Set for transmit and complex filtering.
C
C
fir_xeni
4
FIR transmit enable i. Set for transmit, clear in receive.
C
C
fir_half
5
FIR half scale. Set to 0.
C
C
fir_rnd20
6
FIR round For receive, set to 1 for 20 bits to gain. In transmit, set to 0 for 18 bits to CIC.
C
C
fir_cmplx
7
FIR outputs complex data. Normally set, clear for splitiq or some bypass modes.
Table 49. FIR Sync Count Page 0x14 Address 0x13
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
E
E
fir_sync_cnt
15..0
FIR internal sync count to periodically resync various FIR counters
Table 50. FIR Clock Page 0x14 Address 0x14
Rcv
Tx
FIELD
Bits
Dflt
Description
E
E
fir_clk_cnt
7..0
Number of FIR clocks per CIC input (xmt) or output (rcv) minus 1
E
E
fir_clk_cnt_en
8
1 for normal operation; set to 0 and fir_clk_cnt+1 for FIR clock always on
E
E
fir_test
9
Set to 0 for normal operation
E
E
fir_en_sync_cnt
10
Enable fir sync counter (1)
D
D
cksum_sync_back
14..12
7
Receive checksum sync and transmit pattern generator sync
17.15 FIR, Gain, Power Meter, and Channel Clock Synchronization
The channel synchronization is programmed through the sync_mode command, or register value commands. It is
recommended that the cic_sync, fir_sync, and sck_sync are selected to the same synchronization source. In normal
use the gain_sync value is set to always. The pwr_mtr_sync, and coef_sync can be synchronized to the manual or
one shot sources.
Table 51. Channel Syncs Page 0x14 Address 0x15
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
D
D
fir_sync
2..0
2
Sync source selection for FIR
D
D
coef_sync
5..3
6
Sync source selection for coefficient swapping. Used with multiple coefficient sets.
D
D
gain_sync
8..6
6
Sync source selection for gain updates
D
D
pwr_mtr_sync
11..9
7
Sync source selection for starting power meter
D
D
sck_sync
14..12
4
Sync source selection for slow clock divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com