Electronic Components Datasheet Search
  English  ▼

X  

GC5016 Datasheet(PDF) 33 Page - Texas Instruments

Part # GC5016
Description  WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5016 Datasheet(HTML) 33 Page - Texas Instruments

Back Button GC5016 Datasheet HTML 29Page - Texas Instruments GC5016 Datasheet HTML 30Page - Texas Instruments GC5016 Datasheet HTML 31Page - Texas Instruments GC5016 Datasheet HTML 32Page - Texas Instruments GC5016 Datasheet HTML 33Page - Texas Instruments GC5016 Datasheet HTML 34Page - Texas Instruments GC5016 Datasheet HTML 35Page - Texas Instruments GC5016 Datasheet HTML 36Page - Texas Instruments GC5016 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
GC5016
SLWS142G − JANUARY 2003 − REVISED NOVEMBER 2005
www.ti.com
33
14 GC5016 DIGITAL UP CONVERSION (DUC) MODE
The GC5016 can be configured as a digital up converter (DUC). The DUC interpolates, filters, mixes, and sums the
customer inputs into one or several output ports. The GC5016 DUC (See Figures 2 and 16) has several blocks:
Transmit Input Interface
Gain
PFIR
CIC
Mixer
Sum, SumIn, and Transmit Output Formatter
The GC5016 has either four independent DUC channels, or two Wideband (split IQ) DUC channels. The DUC
accepts real or complex inputs, with complex being the more common. The GC5016 can have one, two, or four real
or complex DUC outputs.
The up-conversion channel details are reproduced in Figure 16.
20
20
20
20
21
21
NCO
48
16
Frequency
Phase
6 Stage
CIC Filter
Interp. by 1
*256
18
18
127 to 255 Tap
PFIR
Interp. by 4
*16
18
18
Gain
20
20
I
Q
19
Figure 16. Up-Conversion Channel Detail
The Transmit input formatter generates the Frame Strobe and channel divided clock, and is used to receive the
customer IQ data. The data input can be parallel IQ, interleaved IQ, or Time Division Multiplexed (TDM) IQ. The
Frame Strobe signal is generated to indicate to customer logic that another input sample is required.
The gain block provides fine gain adjustment for the channel’s IQ data.
The PFIR provides the first stage of interpolation. The typical PFIR interpolation is 3, 4, or 5. The number of PFIR
taps is dependent on the number of data streams and number of clocks available to compute the FIR taps. The PFIR
can interpolate from 1 to 16.
The Cascade Integrator Comb (CIC)filter provides the second stage of interpolation. The 6 stage CIC M=1 filter can
interpolate from 1 to 256.
The interpolated IQ data and the NCO’s frequency output sinusoid are mixed together in the mixer to generate the
channel digital IF output. The mixer output can be real or complex.
The Sum block within the GC5016 can be used to combine other GC5016 outputs (using the SumIn path) with this
GC5016’s channels.
The Transmit Output Format logic converts the Sum or fixed scale data to the Real, Interleaved Complex, Parallel
Complex, Double Rate Real, or Double Rate Complex output modes. An IFLG signal is output.
14.1 Special Modes− Split IQ, and Double Rate DUC Output
There are two special DUC modes: SplitIQ, and double rate.
The splitIQ Mode combines two channels to provide for more PFIR filtering. The A and B, or C and D channels can
be used in the splitIQ mode. The A and C channels process the I data, and the B and D channels process the Q data.
The parallel IQ and TDM modes may be used with the splitiq mode. In the splitIQ mode, the channel A and C mixers
are used. The cmd5016 software keywords splitiQ, splitIQ_AB, and splitIQ_CD are used to control this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com