Electronic Components Datasheet Search
  English  ▼

X  

GC5016 Datasheet(PDF) 1 Page - Texas Instruments

Part # GC5016
Description  WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5016 Datasheet(HTML) 1 Page - Texas Instruments

  GC5016 Datasheet HTML 1Page - Texas Instruments GC5016 Datasheet HTML 2Page - Texas Instruments GC5016 Datasheet HTML 3Page - Texas Instruments GC5016 Datasheet HTML 4Page - Texas Instruments GC5016 Datasheet HTML 5Page - Texas Instruments GC5016 Datasheet HTML 6Page - Texas Instruments GC5016 Datasheet HTML 7Page - Texas Instruments GC5016 Datasheet HTML 8Page - Texas Instruments GC5016 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
GC5016
SLWS142G − JANUARY 2003 − REVISED NOVEMBER 2005
WIDEBAND QUAD DIGITAL DOWNCONVERTER/UPCONVERTER
FEATURES
D Four Independently Configurable Wideband
Down-Converter or Up-Converter Channels
− Four Channel Down Convert Mode
− Four Channel Up Convert Mode
− Two Channels Down and Two Channels
Up Mode
D Down-Conversion Channel Mode
− Input Rates to 160-MSPS for Four
Channels, 320-MSPS for Two Channels in
Double Rate Mode
− Four Wideband Down-Conversion
Channels Support UMTS Standards
− 115-dB SFDR
− FIR Filter Block Consists of 16 Cells
Providing Up to 256 Taps Per Channel
− 64 Parallel Input Bits and 64 Parallel
Output Bits Provide Flexible I/O Options
− Many Multiplex Output Options
D Up-Conversion Channel Mode
− Output Rates to 160-MSPS for Four
Channels, 320-MSPS for Two Channels
− Four Up-Conversion Channels Support
UMTS Standards
− FIR Filter Block Consists of 16 Cells
Providing up to 256 Taps Per Channel
− 64 Parallel Input Bits and 64 Parallel
Output Bits Provide Flexible I/O Options
− Multiple Real and Complex Outputs
− Two Channel Double Rate Real Output
Mode With Rates to 320 MSPS
− Outputs Can Be Independent, Summed
Into Two or One Output(s), and Optionally
Merged With Multiple GC5016 Chips
D JTAG Boundary Scan
D 3.3-V I/O, 1.8-V Core
D Power Dissipation: <1 W for Four Channels
D Package: 252-Ball, 17-mm PBGA, 1-mm Pitch
APPLICATIONS
D Cellular Base Transceiver Station Transmit
and Receive Channels
− WCDMA
− CDMA2000
D Radar
D General Filtering
D Test and Measurement
Table of Contents
1
Description
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2
Ordering Information
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3
Other Reference Material
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
Absolute Maximum Ratings
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Recommended Operating Conditions
3
. . . . . . . . . . . . . . . . . . . . .
6
DC Characteristics
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
AC characteristics
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8
Thermal Characteristics
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9
Power Consumption
5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10
Functional Block Diagram
6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11
Pin Assignments
9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12
Terminal Functions
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13
GC5016 Down-Conversion Mode
11
. . . . . . . . . . . . . . . . . . . . . . .
14
GC5016 Up-Conversion Mode
33
. . . . . . . . . . . . . . . . . . . . . . . . . .
15
GC5016 in Transceiver Mode
53
. . . . . . . . . . . . . . . . . . . . . . . . . . .
16
General GC5016 Features
53
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
17
Configuration Software
63
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
18
Examples
81
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
19
Board Bring-Up Procedure
83
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Mechanical Data
85
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003 − 2005, Texas Instruments Incorporated


Similar Part No. - GC5016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5018 TI-GC5018 Datasheet
1Mb / 115P
8-CHANNEL WIDEBAND RECEIVER
GC5018 TI-GC5018 Datasheet
1Mb / 134P
8-CHANNEL WIDEBAND RECEIVER
GC5018IZDL TI-GC5018IZDL Datasheet
1Mb / 115P
8-CHANNEL WIDEBAND RECEIVER
GC5018IZDL TI-GC5018IZDL Datasheet
1Mb / 134P
8-CHANNEL WIDEBAND RECEIVER
GC5018 TI-GC5018_06 Datasheet
1Mb / 134P
8-CHANNEL WIDEBAND RECEIVER
More results

Similar Description - GC5016

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
L-BAND UP/DOWN CONVERTER
logo
Intersil Corporation
HFA3624 INTERSIL-HFA3624 Datasheet
186Kb / 19P
2.4GHz Up/Down Converter
November 1998
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
Digital Down Converter
1999 02
ISL5217 INTERSIL-ISL5217 Datasheet
766Kb / 43P
Quad Programmable Up Converter
March 2003
logo
Analog Devices
AD6636 AD-AD6636 Datasheet
1Mb / 72P
150 MSPS Wideband Digital Down-Converter (DDC)
8/04-Revision 0
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
ISL5217 INTERSIL-ISL5217_05 Datasheet
795Kb / 43P
Quad Programmable Up Converter
July 8, 2005
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
logo
Renesas Technology Corp
ISL5217 RENESAS-ISL5217 Datasheet
1Mb / 43P
Quad Programmable Up Converter
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
Digital Down Converter
Aug 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com