Electronic Components Datasheet Search
  English  ▼

X  

GC5016 Datasheet(PDF) 3 Page - Texas Instruments

Part # GC5016
Description  WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5016 Datasheet(HTML) 3 Page - Texas Instruments

  GC5016 Datasheet HTML 1Page - Texas Instruments GC5016 Datasheet HTML 2Page - Texas Instruments GC5016 Datasheet HTML 3Page - Texas Instruments GC5016 Datasheet HTML 4Page - Texas Instruments GC5016 Datasheet HTML 5Page - Texas Instruments GC5016 Datasheet HTML 6Page - Texas Instruments GC5016 Datasheet HTML 7Page - Texas Instruments GC5016 Datasheet HTML 8Page - Texas Instruments GC5016 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
GC5016
SLWS142G − JANUARY 2003 − REVISED NOVEMBER 2005
www.ti.com
3
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
4 ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
GC5016
Pad ring supply voltage, VPAD
−0.3 V to 4 V
Core supply voltage, VCORE
−0.3 V to 2.3 V
Input voltage (undershoot and overshoot), VIN
−0.5 V to VPAD+0.5 V
Storage temperature, Tstg
−65
°C to 150°C
Junction temperature, TJ
105
°C
Lead soldering temperature (10 seconds)
300
°C
Human body model
2 kV
ESD classification
Machine body model
200 V
ESD classification
Charged device model
500 V
Moisture sensitivity
Level 3
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
5 RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNITS
Pad ring supply voltage, VPAD
3
3.6
V
Core supply voltage, VCORE
1.6
2
V
Temperature ambient, no air flow, TA(1)
−40
85
_C
Junction temperature, TJ(2)
105
_C
(1) Chips specifications in the AC CHARACTERISTICS and DC CHARACTERISTICS tables are production tested at 100_C case temperature. QA
tests are performed at 85
°C case temperature.
(2) Thermal management may be required for full rate operation (see the THERMAL CHARACTERISTICS table). The circuit is designed for junction
temperatures up to 125
°C. Sustained operation at elevated temperatures reduces long-term reliability. Lifetime calculations based on maximum
junction temperature of 105
°C.
6 DC CHARACTERISTICS
−40
°C to 85°C case temperature unless otherwise noted
PARAMETER
VPAD = 3 V to 3.6 V
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VIL
Voltage input low (1)
0.8
V
VIH
Voltage input high (1)
2
V
VOL
Voltage output low (IOL = 2 mA) (1)
0.5
V
VOH
Voltage output high (IOH = −2 mA) (1)
2.4
V
| IIN |
Leakage current (VIN = 0 V or VPAD), inputs or outputs in high-impedance state condition (1)
1
µA
| IPU |
Pullup current (VIN = 0 V) ( TDI, TMS, TCK) (1)
5
35
µA
ICCQ
Quiescent supply current, ICORE or IPAD(VIN=0 or VPAD, RST = TRST = 0) (1)
4
mA
CIN
Data input capacitance (all inputs except CK) (2)
4
pF
CCK
Clock input capacitance (CK input) (2)
13
pF
(1) Each part is tested with a 100°C case temperature for the given specification.
(2) Controlled by design and process and not directly tested.
NOTE: General: Voltages are measured at low speed. Output voltages are measured with the indicated current load.
General: Currents are measured at nominal voltages, high temperature (100
_C for production test, 85_C for QA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com