Electronic Components Datasheet Search
  English  ▼

X  

GC5016 Datasheet(PDF) 80 Page - Texas Instruments

Part # GC5016
Description  WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5016 Datasheet(HTML) 80 Page - Texas Instruments

Back Button GC5016 Datasheet HTML 76Page - Texas Instruments GC5016 Datasheet HTML 77Page - Texas Instruments GC5016 Datasheet HTML 78Page - Texas Instruments GC5016 Datasheet HTML 79Page - Texas Instruments GC5016 Datasheet HTML 80Page - Texas Instruments GC5016 Datasheet HTML 81Page - Texas Instruments GC5016 Datasheet HTML 82Page - Texas Instruments GC5016 Datasheet HTML 83Page - Texas Instruments GC5016 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
GC5016
SLWS142G − JANUARY 2003 − REVISED NOVEMBER 2005
www.ti.com
80
17.20 General Timer
Table 67. General Timer Page 0xA1 Address 0x11
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
D
D
gen_timer
15..0
65535
General-purpose timer. A 24-bit counter. The bottom eight bits of the count value are normally
assumed to be zero. Timer counts down from 256 x (gen_timer + 1) to zero, then repeats. The
timer starts over with every sync, provides ramp data for receive testing, and outputs a pulse at
restart plus five clocks.
Table 68. Receive Syncs Page 0xA1 Address 0x12
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
D
X
rinf_zpad
3..0
0
Receive input formatter zero pad count. Effectively interpolates by (rinf_zpad+1) up to the
CK rate.
D
X
rinf_diag
5..4
0
Receive diagnostic test pattern ramp (0), 0 (1), random (2), constant 0x4000 (3).
D
D
gen_timer_test
6
0
Shorten gen_timer for test (1) (bottom 8 bits are forced high). Normally 0.
D
D
gen_timer_sync
9..7
7
Sync control for general timer
D
D
cksum_sync_front
12..10
7
Sync control for receive input pattern generator and transmit check sum.
D
X
rinf_zpad_sync
15..13
7
Sync control for receive zero padding
17.21 Transmit Output
Table 69. Transmit Output Multiplexing Page 0xA1 Address 0x13
Rcv
Tx
FIELD
Bits
Dflt
Description
X
D
toutf_hold_sync
2..0
7
Sync control for transmit output hold
X
C
toutf_do
8..4
Transmit output format control for DO. quiet (0), id (1), qb (2), ib LSB’s (4), qa LSB’s (8), CO
complement (16). Others illegal.
X
C
toutf_co
11..9
Transmit output format control for CO. quiet (0), ic (1), ib (2), qa (4).
X
C
toutf_bo
15..12
Transmit output format control for BO. quiet (0), ib (1), qa (2), LSB of ia (4), or AO
complement (8).
Table 70. Transmit Output Round and Hold Page 0xA1 Address 0x14
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
X
C
toutf_rnd_AB
1..0
Round transmit outputs AO, and BO to 16 (1), 14 (2), 12 (3) bits, or no round (0).
X
D
toutf_offsetbin
3
0
Offset binary format (1) or two’s complement (0). Common to all transmit outputs.
X
C
toutf_halfcmplx_AB
4
Time multiplex IQ data by decimating by two at output.
X
D
toutf_hold
7..5
0
Hold output for toutf_hold+1 clocks − effectively decimating the signal.
X
C
toutf_rnd_CD
9..8
Round transmit outputs for CO and DO to 16 (1), 14 (2), 12 (3), bits or no round (0).
X
C
toutf_quiet_CD
10
Quiet CD path (1) when unused.
X
C
toutf_halfcmplx_CD
11
Time multiplex IQ for channels C and D.
E
C
toutf_xmt_CD
12
Channels C and D setup in transmit (1) or receive (0).
X
C
toutf_sumin
13
CO and DO setup as inputs for sumin (1), or outputs (0).
E
C
toutf_xmt_AB
14
Channels A and B setup in transmit (1) or receive (0).
Table 71. Transmit Checksum Page 0xA1 Address 0x15
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
−
−
transmit_cksum
15..0
Checksum results for transmit (read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com