Electronic Components Datasheet Search
  English  ▼

X  

GC5016 Datasheet(PDF) 32 Page - Texas Instruments

Part # GC5016
Description  WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5016 Datasheet(HTML) 32 Page - Texas Instruments

Back Button GC5016 Datasheet HTML 28Page - Texas Instruments GC5016 Datasheet HTML 29Page - Texas Instruments GC5016 Datasheet HTML 30Page - Texas Instruments GC5016 Datasheet HTML 31Page - Texas Instruments GC5016 Datasheet HTML 32Page - Texas Instruments GC5016 Datasheet HTML 33Page - Texas Instruments GC5016 Datasheet HTML 34Page - Texas Instruments GC5016 Datasheet HTML 35Page - Texas Instruments GC5016 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
GC5016
SLWS142G − JANUARY 2003 − REVISED NOVEMBER 2005
www.ti.com
32
13.13 Overall Gain in Receive Mode
The overall gain in the receive mode is a function of zero padding (rinf_zpad), the CIC decimation (cic_dec), the cic
shift settings (cic_shift and cic_rshift), the sum of the programmable filter taps (PFIR_SUM), the filter output shift
(fir_shift) and the final gain in the agc circuit (G). The cmd5016 program, described later in the data sheet, sets the
cic_shift, cic_rshift, fir_shift, and G to their optimum levels for a targeted overall gain using the overall_gain keyword.
The calculated gain is done to limit the gain between stages, as well as provide an overall gain.
The overall gain is:
DDC_gain = zpad_gain x mix_gain x cic_gain x rshift_gain x fir_gain x agc_gain
Where the individual gains are:
zpad_gain = 1 / (rinf_zpad+1)
mix_gain = 1/2
cic_gain = cic_dec5 x 2(cic_shift−39)
rshift_gain = 2(cic_rshift−1)
fir_gain = PFIR_SUM x 2(fir_shift−21)
agc_gain = G / 4096
The restrictions on the gain settings are:
1.
To prevent overflow in the CIC, cic_shift must be set such that:
zpad_gain x mix_gain x cic_gain
≤ 1
2.
If rinf_zpad is greater than cic_dec, then cic_shift must be set such that:
(1/cic_dec) x mix_gain x cic_gain
≤ 1
3.
For symmetric filters the maximum amplitude allowed into the fir is one-half, so cic_shift must be set such that:
zpad_gain x mix_gain x cic_gain x rshift_gain
≤ 1/2
4.
The cic_rshift control is set to 1 (this control is only used to extend the allowable cic_dec range, and must be used
with care).
The fir_gain and agc_gain are used to adjust the overall gain to match the user’s desired gain (overall_gain). The
fir_shift control should be set such that:
zpad_gain x mix_gain x cic_gain x rshift_gain x fir_gain
≤ overall_gain
and the final agc_gain is set to give the desired overall_gain.
This equation gives unity gain for dc or complex data inputs. For real inputs, such as from an ADC, the DDC_gain
is typically set to 2 (6 dB). The gain of 2 compensates for the loss of 6 dB when tuning a signal to dc and filtering
out the negative image. Mathematically this is illustrated by using a an example input signal s(t) modulated up to a
frequency of ”
ω”. The input is defined as:
d(t) = s(t) x cos(
ωt) = s(t) x (ejωt + e−jωt) / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com