Electronic Components Datasheet Search
  English  ▼

X  

GC5016 Datasheet(PDF) 82 Page - Texas Instruments

Part # GC5016
Description  WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5016 Datasheet(HTML) 82 Page - Texas Instruments

Back Button GC5016 Datasheet HTML 78Page - Texas Instruments GC5016 Datasheet HTML 79Page - Texas Instruments GC5016 Datasheet HTML 80Page - Texas Instruments GC5016 Datasheet HTML 81Page - Texas Instruments GC5016 Datasheet HTML 82Page - Texas Instruments GC5016 Datasheet HTML 83Page - Texas Instruments GC5016 Datasheet HTML 84Page - Texas Instruments GC5016 Datasheet HTML 85Page - Texas Instruments GC5016 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
GC5016
SLWS142G − JANUARY 2003 − REVISED NOVEMBER 2005
www.ti.com
82
18.2 WCDMA (UMTS)
This section describes an example of the down-conversion filter response for WCDMA. The GC5016 configuration
values were input sample rate of 122.88 MHz, a CIC and PFIR decimation of four each for an overall decimation of
16, output rate of 7.68 MSPS, and 255 PFIR taps. The overall filter response filter, including both the CIC and PFIR
filters, an optimized raised root cosine filter with
α = 0.22, is shown in Figure 35 and Figure 36. The stop-band
attenuation is better than –80 dBc for frequencies more than 2.5 MHz from the band center.
−120
−100
−80
−60
−40
−20
0
−15
−10
−5
0
5
10
15
Frequency − MHz
FILTER RESPONSE
vs
FREQUENCY
Figure 35. UMTS Filter Response
−120
−100
−80
−60
−40
−20
0
012345
Frequency − MHz
FILTER RESPONSE
vs
FREQUENCY
Figure 36. UMTS Filter Response Transition Region
The cmd5016 configuration file and filter taps are available on the web.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com