Electronic Components Datasheet Search
  English  ▼

X  

GC5016 Datasheet(PDF) 77 Page - Texas Instruments

Part # GC5016
Description  WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5016 Datasheet(HTML) 77 Page - Texas Instruments

Back Button GC5016 Datasheet HTML 73Page - Texas Instruments GC5016 Datasheet HTML 74Page - Texas Instruments GC5016 Datasheet HTML 75Page - Texas Instruments GC5016 Datasheet HTML 76Page - Texas Instruments GC5016 Datasheet HTML 77Page - Texas Instruments GC5016 Datasheet HTML 78Page - Texas Instruments GC5016 Datasheet HTML 79Page - Texas Instruments GC5016 Datasheet HTML 80Page - Texas Instruments GC5016 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
GC5016
SLWS142G − JANUARY 2003 − REVISED NOVEMBER 2005
www.ti.com
77
17.16 CIC and MIXER Control Registers
There are two cicmix blocks. The blocks are arranged as channel AB and channel CD:
page 0x80, addresses 0x10−0x17
channel A,
page 0x80, addresses 0x18 to 0x1F
channel B,
page 0xA0, addresses 0x10−0x17
channel C,
page 0xA0, addresses 0x18 to 0x1F
channel D.
Table 52 and 59 lists the CIC controls. The cic_shift, cic_rshift, cic_rcv_full, are the cic gain controls. The cic_rcv,
cic_xmt_5stg, cic_2x, cic_xmt_d6stg, and cic_bypass are the mode controls. The cic_rcv_cross is used to select
the DDC input for the dual CIC in channels B and D.
Table 53, 54, 55, and 56 set the frequency register (delta phase) and phase (initial phase) values.
Table 57 is the mixer configuration, this sets the I and Q data source, and the cosine and sine multiplier selections.
Table 58 is the mixer synchronization register.
Table 52. CIC Mode Page 0x80 Address 0x10
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
C
C
cic_shift
5..0
CIC is followed by a shifter by a shifter to compensate for CIC gain. 0
≤ cic_shift ≤ 39.
C
C
cic_rcv
7..6
CIC mode is quiet (0), receive (1), transmit (2), or illegal (3)
X
C
cic_xmt_5stg
8
CIC transmits five stages (1), rather than the normal six stages (0)
C
X
cic_rshift
9
Upshift 1 bit in receive mode after CIC filtering before rounding
C
C
cic_2x
10
Operate the CIC in double rate mode
X
C
cic_xmt_d6stg
11
Must be set for CIC in double rate and six stage, else clear
C
X
cic_rcv_cross
12
Use cross-strapped CIC inputs in receive. Set for splitiq mode
C
X
cic_rcv_full
13
Saturate CIC output at full scale (1) for nonsymmetrical FIR or half scale (0) for symmetric
FIR. Only affects receive outputs.
C
C
cic_bypass
14
Bypass CIC in transmit (1), must also set cic_shift (39) and ncic (0). Clear in receive.
−
−
cic_fl_status
15
CIC flush status sticky bit. Chip sets if autoflushed. User must clear.
Table 53. Phase Page 0x80 Address 0x11
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
D
D
phase
15..0
0
Phase is phase/216 Hz
Table 54. Frequency (LSB) Page 0x80 Address 0x12
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
D
D
freq_lsb
15..0
0
Bottom 16 bits of frequency
Table 55. Frequency (mid) Page 0x80 Address 0x13
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
D
D
freq_mid
15..0
0
Middle 16 bits of frequency
Table 56. Frequency (MSB) Page 0x80 Address 0x14
Rcv
Tx
FIELD
BITS
Dflt
DESCRIPTION
M
M
freq_msb
15..0
Top 16 bits of frequency. Values in Table 54 through Table 56 may be set using the pseudo
field freq.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com