Electronic Components Datasheet Search
  English  ▼

X  

GC5016 Datasheet(PDF) 18 Page - Texas Instruments

Part # GC5016
Description  WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5016 Datasheet(HTML) 18 Page - Texas Instruments

Back Button GC5016 Datasheet HTML 14Page - Texas Instruments GC5016 Datasheet HTML 15Page - Texas Instruments GC5016 Datasheet HTML 16Page - Texas Instruments GC5016 Datasheet HTML 17Page - Texas Instruments GC5016 Datasheet HTML 18Page - Texas Instruments GC5016 Datasheet HTML 19Page - Texas Instruments GC5016 Datasheet HTML 20Page - Texas Instruments GC5016 Datasheet HTML 21Page - Texas Instruments GC5016 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
GC5016
SLWS142G − JANUARY 2003 − REVISED NOVEMBER 2005
www.ti.com
18
a) Plot Without Dither or Phase Initialization
b) Plot With Dither and Phase Initialization
−150
−100
−50
0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Frequency − fS
NCO OUTPUT POWER
vs
FREQUENCY
−107 dB
−150
−100
−50
0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Frequency − fS
NCO OUTPUT POWER
vs
FREQUENCY
−121 dB
Figure 8. NCO Peak Spur Plot
The worst-case NCO spurs at −113 dB to −116 dB, such as the one shown in Figure 7(b), are due to a few frequencies
that are related to the sampling frequency by multiples of fCK/96 and fCK/124. In these cases, the rounding errors
in the sine/cosine lookup table repeat in a regular fashion, thereby concentrating the error power into a single
frequency, rather than spreading it across the spectrum. These worst-case spurs can be eliminated by selecting an
initial phase that minimizes the errors or by changing the tuning frequency by a small amount (50 Hz). Setting the
initial phase register value to 4 for multiples of fCK/96 or fCK/124 (and to 0 for other frequencies) results in spurs below
−115 for all frequencies.
Figure 8 shows the maximum spur levels as the tuning frequency is scanned over a portion of the frequency range
with the peak hold function of the spectrum analyzer turned on. Notice that the peak spur level is −107 dB before
dithering and is −121 dB after dithering has been turned on and the phase initialization described above has been
used.
Double rate processing is done by sending time samples (2k) to mixer A and time samples (2k+1) to mixer B. The
frequency is tuned to freq = (248) x F/fCK, where F is the desired tuning frequency and fCK is the chip’s clock rate as
before. The 16-bit phase offset for mixer A is set to phase = (216) x Ph/2
π, where Ph is the desired phase in radians
ranging between 0 and 2
π. The phase offset for mixer B is set to phase = (216) x Ph/2π + (215) x F/fCK. Note that the
second mixer phase offset is one frequency step at the sample rate of 2 fCK hence 215 rather than 216 scaling. The
configuration software automatically calculates these.
13.6.1 CIC Decimate Filter
The Cascade Integrator Comb (CIC) filter is a 5 stage decimating filter. The CIC filter is set to decimation mode using
the register variable cic_rcv. Each CIC channel contains two CIC filters (one for I and one for Q) allowing input rates
of CK complex samples per second. The CIC filter has several sections: scaling, integration, rate change, comb
filtering, and output scaling. The two CIC filter sections have special logic used in the double rate mode. The double
rate mode is discussed in a later section.
The mixer IQ input is scaled to the 60 bit range using cic_shift. The shifted mixer data is then input to the 5 integrator
M=1 stages. The 5th integrator is decimated in the rate changer, by ncic samples. The cic scaling is based on shifting
the input data to compensate for the 5 integrator stages’ (cic_dec ^ 5) gain.
Ncic = cic_dec − 1
The decimation logic samples the integrator output every cic_dec clocks. The cic_dec value can be set between 1
and 256. The value of cic_dec can actually be programmed up to 4096 but the gain restrictions normally limit the
usable range to 256 (up to 1024 in unusual circumstances).
[1]Hogenhauer, Eugene V., An Economical Class of Digital Filters for Decimation and Interpolation, IEEE transactions on Acoustics, Speech and
Signal Processing, April 1981.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com