Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 4 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 4 Page - Micronas

  HAL815 Datasheet HTML 1Page - Micronas HAL815 Datasheet HTML 2Page - Micronas HAL815 Datasheet HTML 3Page - Micronas HAL815 Datasheet HTML 4Page - Micronas HAL815 Datasheet HTML 5Page - Micronas HAL815 Datasheet HTML 6Page - Micronas HAL815 Datasheet HTML 7Page - Micronas HAL815 Datasheet HTML 8Page - Micronas HAL815 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
HAL 815
ADVANCE INFORMATION
4
Micronas
1.3. Marking Code
The HAL 815 has a marking on the package surface
(branded side). This marking includes the name of the
sensor and the temperature range.
1.4. Operating Junction Temperature Range (TJ)
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
A: TJ = −40 °C to +170 °C
K: TJ = −40 °C to +140 °C
E: TJ = −40 °C to +100 °C
The relationship between ambient temperature (TA)
and junction temperature is explained in Section 4.5.
on page 18.
1.5. Hall Sensor Package Codes
Example: HAL815UT-K
→ Type:
815
→ Package:
TO-92UT
→ Temperature Range: T
J = −40°C to +140°C
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Ordering Codes for
Hall Sensors”.
1.6. Solderability
Package TO-92UT: according to IEC68-2-58
During
soldering
reflow
processing
and
manual
reworking, a component body temperature of 260 °C
should not be exceeded.
Components stored in the original packaging should
provide a shelf life of at least 12 months, starting from
the date code printed on the package labels, even in
environments as extreme as 40 °C and 90% relative
humidity.
1.7. Pin Connections and Short Descriptions
Fig. 1–1: Pin configuration
Type
Temperature Range
A
K
E
HAL 815
815A
815K
815E
HALXXXPA-T
Temperature Range: A, K, or E
Package: UT for TO-92UT
Type: 815
Pin
No.
Pin Name
Type
Short Description
1VDD
IN
Supply Voltage and
Programming Pin
2
GND
Ground
3
OUT
OUT
Push Pull Output
and Selection Pin
1
2
3
VDD
OUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com