Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 19 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 19 Page - Micronas

Back Button HAL815 Datasheet HTML 15Page - Micronas HAL815 Datasheet HTML 16Page - Micronas HAL815 Datasheet HTML 17Page - Micronas HAL815 Datasheet HTML 18Page - Micronas HAL815 Datasheet HTML 19Page - Micronas HAL815 Datasheet HTML 20Page - Micronas HAL815 Datasheet HTML 21Page - Micronas HAL815 Datasheet HTML 22Page - Micronas HAL815 Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADVANCE INFORMATION
HAL 815
Micronas
19
5. Programming of the Sensor
5.1. Definition of Programming Pulses
The sensor is addressed by modulating a serial tele-
gram on the supply voltage. The sensor answers with
a serial telegram on the output pin.
The bits in the serial telegram have a different bit time
for the VDD-line and the output. The bit time for the
VDD-line is defined through the length of the Sync Bit
at the beginning of each telegram. The bit time for the
output is defined through the Acknowledge Bit.
A logical “0” is coded as no voltage change within the
bit time. A logical “1” is coded as a voltage change
between 50% and 80% of the bit time. After each bit, a
voltage change occurs.
5.2. Definition of the Telegram
Each telegram starts with the Sync Bit (logical 0), 3
bits for the Command (COM), the Command Parity Bit
(CP), 4 bits for the Address (ADR), and the Address
Parity Bit (AP).
There are 4 kinds of telegrams:
– Write a register (see Fig. 5–2)
After the AP Bit, follow 14 Data Bits (DAT) and the
Data Parity Bit (DP). If the telegram is valid and the
command has been processed, the sensor answers
with an Acknowledge Bit (logical 0) on the output.
– Read a register (see Fig. 5–3)
After evaluating this command, the sensor answers
with the Acknowledge Bit, 14 Data Bits, and the
Data Parity Bit on the output.
– Programming the EEPROM cells (see Fig. 5–4)
After evaluating this command, the sensor answers
with the Acknowledge Bit. After the delay time tw,
the supply voltage rises up to the programming volt-
age.
– Activate a sensor (see Fig. 5–5)
If more than one sensor is connected to the supply
line, selection can be done by first deactivating all
sensors. The output of all sensors will be pulled to
ground by the internal 10 k
Ω resistors. With an Acti-
vate pulse on the appropriate output pin, an individ-
ual sensor can be selected. All following commands
will only be accepted from the activated sensor.
Fig. 5–1: Definition of logical 0 and 1 bit
tr
tf
tp0
tp0
logical 0
VDDH
VDDL
or
tp0
logical 1
VDDH
VDDL
or
tp0
tp1
tp1
Table 5–1: Telegram parameters
Symbol
Parameter
Pin
Min.
Typ.
Max.
Unit
Remarks
VDDL
Supply Voltage for Low Level
during Programming
15
5.6
6
V
VDDH
Supply Voltage for High Level
during Programming
16.8
8.0
8.5
V
tr
Rise time
1
0.05
ms
tf
Fall time
1
0.05
ms
tp0
Bit time on VDD
1
1.7
1.75
1.8
ms
tp0 is defined through the Sync Bit
tpOUT
Bit time on output pin
3
2
3
4
ms
tpOUT is defined through the
Acknowledge Bit
tp1
Voltage Change for logical 1
1, 3
50
65
80
%
% of tp0 or tpOUT
VDDPROG
Supply Voltage for
Programming the EEPROM
1
11.95
12
12.1
V
tPROG
Programming Time for EEPROM
1
95
100
105
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com