Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 16 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 16 Page - Micronas

Back Button HAL815 Datasheet HTML 12Page - Micronas HAL815 Datasheet HTML 13Page - Micronas HAL815 Datasheet HTML 14Page - Micronas HAL815 Datasheet HTML 15Page - Micronas HAL815 Datasheet HTML 16Page - Micronas HAL815 Datasheet HTML 17Page - Micronas HAL815 Datasheet HTML 18Page - Micronas HAL815 Datasheet HTML 19Page - Micronas HAL815 Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
HAL 815
ADVANCE INFORMATION
16
Micronas
–1
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
1.0
45678 V
%
VDD
ER
VOUT/VDD = 0.82
VOUT/VDD = 0.66
VOUT/VDD = 0.34
VOUT/VDD = 0.18
VOUT/VDD = 0.5
Fig. 3–6: Typical ratiometric error
versus supply voltage
0
20
40
60
80
100
120
–50
0
50
100
150
200
°C
%
TA
1/sensitivity
TC = 16, TCSQ = 8
TC = 0,
TCSQ = 12
TC = –20, TCSQ = 12
TC = –31, TCSQ = 0
Fig. 3–7: Typical 1/sensitivity
versus ambient temperature
–1
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
1.0
–50
0
50
100
150
200
°C
mT
TA
BOffset
TC = 16, TCSQ = 8
TC = 0,
TCSQ = 12
TC = –20, TCSQ = 12
Fig. 3–8: Typical magnetic offset
versus ambient temperature
–1
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40 mT
%
B
INL
Range = 30 mT
Fig. 3–9: Typical nonlinearity
versus magnetic field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com