Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 17 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 17 Page - Micronas

Back Button HAL815 Datasheet HTML 13Page - Micronas HAL815 Datasheet HTML 14Page - Micronas HAL815 Datasheet HTML 15Page - Micronas HAL815 Datasheet HTML 16Page - Micronas HAL815 Datasheet HTML 17Page - Micronas HAL815 Datasheet HTML 18Page - Micronas HAL815 Datasheet HTML 19Page - Micronas HAL815 Datasheet HTML 20Page - Micronas HAL815 Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADVANCE INFORMATION
HAL 815
Micronas
17
4. Application Notes
4.1. Application Circuit
For EMC protection, it is recommended to connect one
ceramic 4.7 nF capacitor each between ground and
the supply voltage, respectively the output voltage pin.
In addition, the input of the controller unit should be
pulled-down with a 4.7 kOhm resistor and a ceramic
4.7 nF capacitor.
Please note that during programming, the sensor will
be supplied repeatedly with the programming voltage
of 12 V for 100 ms. All components connected to the
VDD line at this time must be able to resist this voltage.
Fig. 4–1: Recommended application circuit
4.2. Use of two HAL 815 in Parallel
Two different HAL 815 sensors which are operated in
parallel to the same supply and ground line can be pro-
grammed individually. In order to select the IC which
should be programmed, both Hall ICs are inactivated
by the “Deactivate” command on the common supply
line. Then, the appropriate IC is activated by an “Acti-
vate” pulse on its output. Only the activated sensor will
react to all following read, write, and program com-
mands. If the second IC has to be programmed, the
“Deactivate” command is sent again, and the second
IC can be selected.
Fig. 4–2: Parallel operation of two HAL 815
4.3. Temperature Compensation
The relationship between the temperature coefficient
of the magnet and the corresponding TC and TCSQ
codes for linear compensation is given in the following
table. In addition to the linear change of the magnetic
field with temperature, the curvature can be adjusted
as well. For this purpose, other TC and TCSQ combi-
nations are required which are not shown in the table.
Please contact Micronas for more detailed information
on this higher order temperature compensation.
The HAL 800 and HAL 815 contain the same tempera-
ture compensation circuits. If an optimal setting for the
HAL 800 is already available, the same settings may
be used for the HAL 815.
OUT
VDD
GND
4.7 nF
HAL815
4.7 k
Ω
µC
4.7 nF
4.7 nF
HAL 815
GND
10 nF
HAL 815
4.7 nF
4.7 nF
Sensor A
Sensor B
VDD
OUT B & Select B
OUT A & Select A
Temperature
Coefficient of
Magnet (ppm/K)
TC
TCSQ
400
31
6
300
28
7
200
24
8
100
21
9
018
10
−50
17
10
−90
16
11
−130
15
11
−170
14
11
−200
13
12
−240
12
12
−280
11
12
−320
10
13
−360
9
13
−410
8
13
−450
7
13
−500
6
14
−550
5
14
−600
4
14
−650
3
14
−700
2
15
−750
1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com