Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 11 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 11 Page - Micronas

Back Button HAL815 Datasheet HTML 7Page - Micronas HAL815 Datasheet HTML 8Page - Micronas HAL815 Datasheet HTML 9Page - Micronas HAL815 Datasheet HTML 10Page - Micronas HAL815 Datasheet HTML 11Page - Micronas HAL815 Datasheet HTML 12Page - Micronas HAL815 Datasheet HTML 13Page - Micronas HAL815 Datasheet HTML 14Page - Micronas HAL815 Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADVANCE INFORMATION
HAL 815
Micronas
11
Step 2: Calculation of VOQ and Sensitivity
There are two ways to calculate the values for VOQ
and Sensitivity.
Manual Calculation:
Set the system to calibration point 1 (angle 1 =
−25°)
and read the register ADC-READOUT. For our exam-
ple, the result is ADC-READOUT1 =
−2500.
Next, set the system to calibration point 2 (angle 2 =
25°), and read the register ADC-READOUT again. For
our example, the result is ADC-READOUT2 =
+2350.
With these measurements and the targets VOUT1 =
4.5 V and VOUT2 = 0.5 V, the values for Sensitivity and
VOQ are calculated as
Software Calibration:
Use the menu CALIBRATE from the PC software and
enter the values 4.5 V for VOUT1 and 0.5 V for VOUT2.
Set the system to calibration point 1 (angle 1 =
−25°),
hit the button “Read ADC-Readout1”, set the system to
calibration point 2 (angle 2 = 25°), hit the button “Read
ADC-Readout2”, and hit the button “Calculate”. The
software will then calculate the appropriate VOQ and
Sensitivity.
This calculation has to be done individually for each
sensor. Now, write the calculated values with the “write
and store” command into the HAL 815 for program-
ming the sensor.
Step 3: Locking the Sensor
The last step is activating the LOCK function with the
“LOCK” command. The sensor is now locked and does
not respond to any programming or reading com-
mands.
Warning: This register cannot be reset!
3. Specifications
3.1. Outline Dimensions
Fig. 3–1:
Plastic Transistor Single Outline Package
(TO-92UT)
Weight approximately 0.14 g
Dimensions in mm
Note: A mechanical tolerance of
±50 µm applies to all
dimensions where no tolerance is explicitly given.
3.2. Dimensions of Sensitive Area
0.25 mm x 0.25 mm
3.3. Position of Sensitive Area
4.5 V
− 0.5 V
−2500 − 2350
Sensitivity =
5V
2048
*
=
−0.3378
VOQ = 4.5 V −
2048
−2500 * (−0.3378) * 5 V
= 2.438 V
TO-92UT
center of the package
y = 1.5 mm nominal
∅ 0.4
sensitive area
y
4.06 ±0.1
4.05 ±0.1
13.0
min.
1.27
1.27
(2.54)
123
0.42
0.3
1.5
0.36
branded side
0.8
45
°
0.55
0.48
SPGS0014-3-A/2E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com