Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 10 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 10 Page - Micronas

Back Button HAL815 Datasheet HTML 6Page - Micronas HAL815 Datasheet HTML 7Page - Micronas HAL815 Datasheet HTML 8Page - Micronas HAL815 Datasheet HTML 9Page - Micronas HAL815 Datasheet HTML 10Page - Micronas HAL815 Datasheet HTML 11Page - Micronas HAL815 Datasheet HTML 12Page - Micronas HAL815 Datasheet HTML 13Page - Micronas HAL815 Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
HAL 815
ADVANCE INFORMATION
10
Micronas
Step 2: Calculation of VOQ and Sensitivity
The calibration points 1 and 2 can be set inside the
specified range. The corresponding values for VOUT1
and VOUT2 result from the application requirements.
For highest accuracy of the sensor, calibration points
near the minimum and maximum input signal are rec-
ommended. The difference of the output voltage
between calibration point 1 and calibration point 2
should be more than 3.5 V.
Set the system to calibration point 1 and read the reg-
ister ADC-READOUT. The result is the value ADC-
READOUT1.
Now, set the system to calibration point 2, read the
register ADC-READOUT again, and get the value
ADC-READOUT2.
With these values and the target values VOUT1 and
VOUT2, for the calibration points 1 and 2, respectively,
the values for Sensitivity and VOQ are calculated as:
This calculation has to be done individually for each
sensor.
Next, write the calculated values for Sensitivity and
VOQ into the IC for adjusting the sensor.
The sensor is now calibrated for the customer applica-
tion. However, the programming can be changed again
and again if necessary.
Step 3: Locking the Sensor
The last step is activating the LOCK function with the
“LOCK” command. The sensor is now locked and does
not respond to any programming or reading com-
mands.
Warning: This register cannot be reset!
2.3.2. Calibration of the Angle Sensor
The following description explains the calibration pro-
cedure using an angle sensor as an example. The
required output characteristic is shown in Fig. 2–7.
– the angle range is from
−25° to 25°
– temperature coefficient of the magnet:
−500 ppm/K
Step 1: Input of the registers which need not be
adjusted individually
The register values for the following registers are given
for all applications:
–FILTER
Select the filter frequency: 500 Hz
–RANGE
Select the magnetic field range: 30 mT
–TC
For this magnetic material: 6
–TCSQ
For this magnetic material: 14
–CLAMP-LOW
For our example: 0.5 V
–CLAMP-HIGH
For our example: 4.5 V
Enter these values in the software, and use the “write
and store” command for permanently writing the val-
ues in the registers.
Low clamping voltage
≤ V
OUT1,2 ≤ High clamping voltage
VOUT1 − VOUT2
ADC-READOUT1
− ADC-READOUT2
Sensitivity =
VDD
2048
*
ADC-READOUT1 * Sensitivity * VDD
2048
VOQ = VOUT1 −
0
1
2
3
4
5
–30
–20
–10
0
10
20
30
°
V
Angle
VOUT
Clamp-high = 4.5 V
Clamp-low = 0.5 V
Calibration point 2
Calibration point 1
Fig. 2–7: Example for output characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com