Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 18 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 18 Page - Micronas

Back Button HAL815 Datasheet HTML 14Page - Micronas HAL815 Datasheet HTML 15Page - Micronas HAL815 Datasheet HTML 16Page - Micronas HAL815 Datasheet HTML 17Page - Micronas HAL815 Datasheet HTML 18Page - Micronas HAL815 Datasheet HTML 19Page - Micronas HAL815 Datasheet HTML 20Page - Micronas HAL815 Datasheet HTML 21Page - Micronas HAL815 Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
HAL 815
ADVANCE INFORMATION
18
Micronas
4.4. Undervoltage Behavior
In a voltage range below 4.5 V to approximately 3.5 V,
the operation of the HAL 815 is typically given and pre-
dictable for the most sensors. Some of the parameters
may be out of the specification. Below about 3.5 V, the
digital processing is reset. If the supply voltage once
again rises above about 3.5 V, a startup time of about
20
µs elapses for the digital processing to occur. As
long as the supply voltage is still above about 2.8 V,
the analog output is kept at its last valid value ratiomet-
ric to VDD. Below about 2.5 V, the entire sensor will
reset.
4.5. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
TJ = TA + ∆T
At static conditions, the following equation is valid:
∆T = I
DD * VDD * RthJA
For typical values, use the typical parameters. For
worst case calculation, use the max. parameters for
IDD and Rth, and the max. value for VDD from the appli-
cation.
For VDD = 5.5 V, Rth = 200 K/W and IDD = 10 mA the
temperature difference
∆T = 11 K.
For all sensors, the junction temperature TJ is speci-
fied. The maximum ambient temperature TAmax can be
calculated as:
TAmax = TJmax −∆T
4.6. EMC and ESD
The HAL 815 is designed for a stabilized 5 V supply.
Interferences and disturbances conducted along the
12 V onboard system (product standards DIN40839
part 1 or ISO 7637 part 1) are not relevant for these
applications.
For applications with disturbances by capacitive or
inductive coupling on the supply line or radiated distur-
bances, the application circuit shown in Fig. 4–1 is rec-
ommended.
Applications
with
this
arrangement
passed the EMC tests according to the product stan-
dards DIN 40839 part 3 (Electrical transient transmis-
sion by capacitive or inductive coupling) and part 4
(Radiated disturbances).
Please contact Micronas for the detailed investigation
reports with the EMC and ESD results.
−810
0
15
−860
−116
−910
−216
−960
−316
−1020
−417
−1070
−517
−1120
−617
−1180
−718
−1250
−818
−1320
−919
−1380
−10
19
−1430
−11
20
−1500
−12
20
−1570
−13
20
−1640
−14
21
−1710
−15
21
−1780
−16
22
−1870
−17
22
−1950
−18
23
−2030
−19
23
−2100
−20
24
−2180
−21
24
−2270
−22
25
−2420
−24
26
−2500
−25
27
−2600
−26
27
−2700
−27
28
−2800
−28
28
−2900
−29
29
−3000
−30
30
−3100
−31
31
Temperature
Coefficient of
Magnet (ppm/K)
TC
TCSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com