Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 23 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 23 Page - Micronas

Back Button HAL815 Datasheet HTML 16Page - Micronas HAL815 Datasheet HTML 17Page - Micronas HAL815 Datasheet HTML 18Page - Micronas HAL815 Datasheet HTML 19Page - Micronas HAL815 Datasheet HTML 20Page - Micronas HAL815 Datasheet HTML 21Page - Micronas HAL815 Datasheet HTML 22Page - Micronas HAL815 Datasheet HTML 23Page - Micronas HAL815 Datasheet HTML 24Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADVANCE INFORMATION
HAL 815
Micronas
23
5.5. Register Information
CLAMP-LOW
– The register range is from 0 up to 1023.
– The register value is calculated by:
CLAMP-HIGH
– The register range is from 0 up to 2047.
– The register value is calculated by:
VOQ
– The register range is from
−1024 up to 1023.
– The register value is calculated by:
SENSITIVITY
– The register range is from
−8192 up to 8191.
– The register value is calculated by:
TC and TCSQ
– The TC register range is from
−31 up to 31.
– The TCSQ register range is from 0 up to 31.
Please refer Section 4.2. on page 17 for the recom-
mended values.
MODE
– The register range is from 0 up to 63 and contains
the settings for FILTER and RANGE:
Please refer Section 2.2. on page 7 for the available
FILTER and RANGE values.
ADC-READOUT
– This register is read only.
– The register range is from
−8192 up to 8191.
DEACTIVATE
– This register can only be written.
– The register has to be written with 2063 decimal
(80F hexadecimal) for the deactivation.
– The sensor can be reset with an Activate pulse on
the output pin or by switching off and on the supply
voltage.
5.6. Programming Information
If the content of any register (except the lock registers)
is to be changed, the desired value must first be writ-
ten into the corresponding RAM register. Before read-
ing out the RAM register again, the register value must
be permanently stored in the EEPROM.
Permanently storing a value in the EEPROM is done
by first sending an ERASE command followed by
sending a PROM command. The address within the
ERASE and PROM commands is not important.
ERASE and PROM act on all registers in parallel.
If all HAL 815 registers are to be changed, all writing
commands can be sent one after the other, followed by
sending one ERASE and PROM command at the end.
Low Clamping Voltage
VDD
* 2048
CLAMP-LOW =
High Clamping Voltage
VDD
* 2048
CLAMP-HIGH =
VOQ
VDD
* 1024
VOQ =
Sensitivity
2048
SENSITIVITY =
MODE = FILTER * 8 + RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com