Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 14 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 14 Page - Micronas

Back Button HAL815 Datasheet HTML 10Page - Micronas HAL815 Datasheet HTML 11Page - Micronas HAL815 Datasheet HTML 12Page - Micronas HAL815 Datasheet HTML 13Page - Micronas HAL815 Datasheet HTML 14Page - Micronas HAL815 Datasheet HTML 15Page - Micronas HAL815 Datasheet HTML 16Page - Micronas HAL815 Datasheet HTML 17Page - Micronas HAL815 Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
HAL 815
ADVANCE INFORMATION
14
Micronas
3.7. Magnetic Characteristics
at TJ = −40 °C to +170 °C, VDD = 4.5 V to 5.5 V, after programming, as not otherwise specified in Conditions.
Typical Characteristics for TJ = 25 °C and VDD = 5 V.
3.8. Open-Circuit Detection
at TJ = −40 °C to +170 °C, Typical Characteristics for TJ = 25 °C
3.9. Overvoltage and Undervoltage Detection
at TJ = −40 °C to +170 °C, Typical Characteristics for TJ = 25 °C
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
BOffset
Magnetic Offset
3
−1
01mT
B = 0 mT, IOUT = 0 mA, TJ = 25 °C
∆B
Offset/∆T
Magnetic Offset Change
due to TJ
−15
0
15
µT/K
B = 0 mT, IOUT = 0 mA
BHysteresis
Magnetic Hysteresis
−20
0
20
µT
Range = 30 mT, Filter = 500 Hz
SR
Magnetic Slew Rate
3
−
2
4
12
25
50
−
mT/ms
Filter frequency = 80 Hz
Filter frequency = 160 Hz
Filter frequency = 500 Hz
Filter frequency = 1 kHz
Filter frequency = 2 kHz
nmeff
Magnetic RMS Broadband
Noise
3
−
10
−µT
BW = 10 Hz to 2 kHz
fCflicker
Corner Frequency of 1/f Noise
3
−
20
Hz
B = 0 mT
fCflicker
Corner Frequency of 1/frms
Noise
3
−
100
Hz
B = 65 mT, TJ = 25 °C
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VOUT
Output voltage
at open VDD line
3
000.2
V
VDD = 5 V
RL = 10 kΩ to GND
VOUT
Output voltage at
open GND line
34.7
4.8
5
V
VDD = 5 V
RL = 10 kΩ to GND
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VDD,UV
Undervoltage detection level
1
3.5
3.8
4.1
V
1)
VDD,OV
Overvoltage detection level
1
8.5
9.2
10.0
V
1)
1) If the supply voltage drops below V
DD,UV or rises above VDD,OV, the output voltage is switched to VDD (≥94% of VDD at RL = 10 kΩ to GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com