Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 12 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 12 Page - Micronas

Back Button HAL815 Datasheet HTML 8Page - Micronas HAL815 Datasheet HTML 9Page - Micronas HAL815 Datasheet HTML 10Page - Micronas HAL815 Datasheet HTML 11Page - Micronas HAL815 Datasheet HTML 12Page - Micronas HAL815 Datasheet HTML 13Page - Micronas HAL815 Datasheet HTML 14Page - Micronas HAL815 Datasheet HTML 15Page - Micronas HAL815 Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
HAL 815
ADVANCE INFORMATION
12
Micronas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in
the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
3.5. Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−8.5
8.5
V
VDD
Supply Voltage
1
−14.41) 2)
14.41) 2)
V
−I
DD
Reverse Supply Current
1
−
501)
mA
IZ
Current through Protection Device
1 or 3
−3004)
3004)
mA
VOUT
Output Voltage
3
−56)
−56)
8.53)
14.43) 2)
V
VOUT − VDD
Excess of Output Voltage
over Supply Voltage
3,1
2
V
IOUT
Continuous Output Current
3
−10
10
mA
tSh
Output Short Circuit Duration
3
−
10
min
TS
Storage Temperature Range
−65
150
°C
TJ
Junction Temperature Range
−40
−40
1705)
150
°C
°C
1) as long as T
Jmax is not exceeded
2) t < 10 min (V
DDmin = −15 V for t < 1 min, VDDmax = 16 V for t < 1 min)
3) as long as T
Jmax is not exceeded, output is not protected to external 14 V-line (or to −14 V)
4) t < 2 ms
5) t < 1000h
6) internal protection resistor = 100
Ω
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1
4.5
5
5.5
V
IOUT
Continuous Output Current
3
−1
−
1mA
RL
Load Resistor
3
4.5
−−
k
Ω
CL
Load Capacitance
3
0.33
10
1000
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com