Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 22 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 22 Page - Micronas

Back Button HAL815 Datasheet HTML 16Page - Micronas HAL815 Datasheet HTML 17Page - Micronas HAL815 Datasheet HTML 18Page - Micronas HAL815 Datasheet HTML 19Page - Micronas HAL815 Datasheet HTML 20Page - Micronas HAL815 Datasheet HTML 21Page - Micronas HAL815 Datasheet HTML 22Page - Micronas HAL815 Datasheet HTML 23Page - Micronas HAL815 Datasheet HTML 24Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
HAL 815
ADVANCE INFORMATION
22
Micronas
5.4. Number Formats
Binary number:
The most significant bit is given as first, the least sig-
nificant bit as last digit.
Example: 101001 represents 41 decimal.
Signed binary number:
The first digit represents the sign of the following
binary number (1 for negative, 0 for positive sign).
Example:
0101001 represents +41 decimal
1101001 represents
−41 decimal
Two-complementary number:
The first digit of positive numbers is “0”, the rest of the
number is a binary number. Negative numbers start
with “1”. In order to calculate the absolute value of the
number, calculate the complement of the remaining
digits and add “1”.
Example:
0101001 represents +41 decimal
1010111 represents
−41 decimal
Micronas registers (read only for customers)
Table 5–3: Available register addresses
Register
Code
Data
Bits
Format
Customer
Remark
CLAMP-LOW
1
10
binary
read/write/program
Low clamping voltage
CLAMP-HIGH
2
11
binary
read/write/program
High clamping voltage
VOQ
3
11
two compl.
binary
read/write/program
SENSITIVITY
4
14
signed binary
read/write/program
MODE
5
6
binary
read/write/program
Range and filter settings
LOCKR
6
1
binary
lock
Lock Bit
ADC-READOUT
7
14
two compl.
binary
read
TC
11
6
signed binary
read/write/program
TCSQ
12
5
binary
read/write/program
DEACTIVATE
15
12
binary
write
Deactivate the sensor
Register
Code
Data
Bits
Format
Remark
OFFSET
8
4
two compl. binary
ADC offset adjustment
FOSCAD
9
5
binary
Oscillator frequency adjustment
SPECIAL
13
6
special settings
IMLOCK
14
1
binary
Lock Bit for the Micronas registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com