Electronic Components Datasheet Search
  English  ▼

X  

HAL815 Datasheet(PDF) 9 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 9 Page - Micronas

Back Button HAL815 Datasheet HTML 5Page - Micronas HAL815 Datasheet HTML 6Page - Micronas HAL815 Datasheet HTML 7Page - Micronas HAL815 Datasheet HTML 8Page - Micronas HAL815 Datasheet HTML 9Page - Micronas HAL815 Datasheet HTML 10Page - Micronas HAL815 Datasheet HTML 11Page - Micronas HAL815 Datasheet HTML 12Page - Micronas HAL815 Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADVANCE INFORMATION
HAL 815
Micronas
9
Clamping Voltage
The output voltage range can be clamped in order to
detect failures like shorts to VDD or GND or an open
circuit.
The CLAMP-LOW register contains the parameter for
the lower limit. The lower clamping voltage is program-
mable between 0 V and VDD/2. For VDD = 5 V, the reg-
ister can be changed in steps of 2.44 mV.
The CLAMP-HIGH register contains the parameter for
the upper limit. The upper clamping voltage is pro-
grammable between 0 V and VDD. For VDD = 5 V, in
steps of 2.44 mV.
LOCKR
By setting this 1-bit register, all registers will be locked,
and the sensor will no longer respond to any supply
voltage modulation.
Warning: This register cannot be reset!
ADC-READOUT
This 14-bit register delivers the actual digital value of
the applied magnetic field before the signal process-
ing. This register can be read out and is the basis for
the calibration procedure of the sensor in the system
environment.
2.3. Calibration Procedure
2.3.1. General Procedure
For calibration in the system environment, the applica-
tion kit from Micronas is recommended. It contains the
hardware for the generation of the serial telegram for
programming and the corresponding software for the
input of the register values.
In this section, programming of the sensor using this
programming tool is explained. Please refer to
Section 5. on page 19 for information about program-
ming without this tool.
For the individual calibration of each sensor in the cus-
tomer application, a two point adjustment is recom-
mended (see Fig. 2–7 for an example). When using
the application kit, the calibration can be done in three
steps:
Step 1: Input of the registers which need not be
adjusted individually
The magnetic circuit, the magnetic material with its
temperature characteristics, the filter frequency, and
low and high clamping voltage are given for this appli-
cation.
Therefore, the values of the following registers should
be identical for all sensors of the customer application.
–FILTER
(according to the maximum signal frequency)
–RANGE
(according to the maximum magnetic field at the
sensor position)
– TC and TCSQ
(depends on the material of the magnet and the
other temperature dependencies of the application)
– CLAMP-LOW and CLAMP-HIGH
(according to the application requirements)
Write the appropriate settings into the HAL 815 regis-
ters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com