Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 60Page - Microchip Technology LAN89218 Datasheet HTML 61Page - Microchip Technology LAN89218 Datasheet HTML 62Page - Microchip Technology LAN89218 Datasheet HTML 63Page - Microchip Technology LAN89218 Datasheet HTML 64Page - Microchip Technology LAN89218 Datasheet HTML 65Page - Microchip Technology LAN89218 Datasheet HTML 66Page - Microchip Technology LAN89218 Datasheet HTML 67Page - Microchip Technology LAN89218 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 148 page
background image
LAN89218
DS60001255B-page 64
 2008-2015 Microchip Technology Inc.
4.3
100Base-TX Receive
The receive data path is shown in Figure 4-2. Detailed descriptions are given below.
4.3.1
100M RECEIVE INPUT
The MLT-3 from the cable is fed into the PHY (on inputs RXP and RXN) via a 1:1 ratio transformer. The ADC samples
the incoming differential signal at a rate of 125M samples per second. Using a 64-level quanitizer it generates 6
digital bits to represent each sample. The DSP adjusts the gain of the ADC according to the observed signal levels
such that the full dynamic range of the ADC can be used.
4.3.2
EQUALIZER, BASELINE WANDER CORRECTION AND CLOCK AND DATA RECOVERY
The 6 bits from the ADC are fed into the DSP block. The equalizer in the DSP section compensates for phase and
amplitude distortion caused by the physical channel consisting of magnetics, connectors, and CAT- 5 cable. The
equalizer can restore the signal for any good-quality CAT-5 cable between 1 m and 150 m.
If the DC content of the signal is such that the low-frequency components fall below the low frequency pole of the
isolation transformer, then the droop characteristics of the transformer will become significant and Baseline Wander
(BLW) on the received signal will result. To prevent corruption of the received data, the PHY corrects for BLW and
can receive the ANSI X3.263-1995 FDDI TP-PMD defined “killer packet” with no bit errors.
The 100M PLL generates multiple phases of the 125 MHz clock. A multiplexer, controlled by the timing unit of the
DSP, selects the optimum phase for sampling the data. This is used as the received recovered clock. This clock is
used to extract the serial data from the received signal.
4.3.3
NRZI AND MLT-3 DECODING
The DSP generates the MLT-3 recovered levels that are fed to the MLT-3 converter. The MLT-3 is then converted to
an NRZI data stream.
4.3.4
DESCRAMBLING
The descrambler performs an inverse function to the scrambler in the transmitter and also performs the Serial In
Parallel Out (SIPO) conversion of the data.
During reception of IDLE (/I/) symbols. the descrambler synchronizes its descrambler key to the incoming stream.
Once synchronization is achieved, the descrambler locks on this key and is able to descramble incoming data.
Special logic in the descrambler ensures synchronization with the remote PHY by searching for IDLE symbols within
a window of 4000 bytes (40 µs). This window ensures that a maximum packet size of 1514 bytes, allowed by the
IEEE 802.3 standard, can be received with no interference. If no IDLE-symbols are detected within this time-period,
receive operation is aborted and the descrambler re-starts the synchronization process.
The descrambler can be bypassed by setting bit 0 of register 31.
4.3.5
ALIGNMENT
The de-scrambled signal is then aligned into 5-bit code-groups by recognizing the /J/K/ Start-of-Stream Delimiter
(SSD) pair at the start of a packet. Once the code-word alignment is determined, it is stored and utilized until the
next start of frame.
4.3.6
5B/4B DECODING
The 5-bit code-groups are translated into 4-bit data nibbles according to the 4B/5B table. The SSD, /J/K/, is translated
to “0101 0101” as the first 2 nibbles of the MAC preamble. Reception of the SSD causes the PHY to assert the
internal RX_DV signal, indicating that valid data is available on the Internal RXD bus. Successive valid code-groups
are translated to data nibbles. Reception of either the End of Stream Delimiter (ESD) consisting of the /T/R/ symbols,
or at least two /I/ symbols causes the PHY to de-assert the internal carrier sense and RX_DV.
These symbols are not translated into data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com