Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 67 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 67 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 63Page - Microchip Technology LAN89218 Datasheet HTML 64Page - Microchip Technology LAN89218 Datasheet HTML 65Page - Microchip Technology LAN89218 Datasheet HTML 66Page - Microchip Technology LAN89218 Datasheet HTML 67Page - Microchip Technology LAN89218 Datasheet HTML 68Page - Microchip Technology LAN89218 Datasheet HTML 69Page - Microchip Technology LAN89218 Datasheet HTML 70Page - Microchip Technology LAN89218 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 67
LAN89218
Once a capability match has been determined, the link code words are repeated with the acknowledge bit set. Any
difference in the main content of the link code words at this time will cause auto-negotiation to re-start. Auto-
negotiation will also re-start if not all of the required FLP bursts are received.
Writing register 4 bits [8:5] allows software control of the capabilities advertised by the PHY. Writing register 4 does
not automatically re-start auto-negotiation. Register 0, bit 9 must be set before the new abilities will be advertised.
Auto-negotiation can also be disabled via software by clearing register 0, bit 12.
The LAN89218 does not support “Next Page" capability.
4.7
Parallel Detection
If the LAN89218 is connected to a device lacking the ability to auto-negotiate (i.e. no FLPs are detected), it is able
to determine the speed of the link based on either 100M MLT-3 symbols or 10M Normal Link Pulses. In this case
the link is presumed to be half-duplex per the IEEE standard. This ability is known as “Parallel Detection. This feature
ensures interoperability with legacy link partners. If a link is formed via parallel detection, then bit 0 in register 6 is
cleared to indicate that the Link Partner is not capable of auto-negotiation. The Ethernet MAC has access to this
information via the management interface. If a fault occurs during parallel detection, bit 4 of register 6 is set.
Register 5 is used to store the Link Partner Ability information, which is coded in the received FLPs. If the Link
Partner is not auto-negotiation capable, then register 5 is updated after completion of parallel detection to reflect the
speed capability of the Link Partner.
4.7.1
RE-STARTING AUTO-NEGOTIATION
Auto-negotiation can be re-started at any time by setting register 0, bit 9. Auto-negotiation will also re-start if the link
is broken at any time. A broken link is caused by signal loss. This may occur because of a cable break, or because
of an interruption in the signal transmitted by the Link Partner. Auto-negotiation resumes in an attempt to determine
the new link configuration.
If the management entity re-starts Auto-negotiation by writing to bit 9 of the control register, the LAN89218 will
respond by stopping all transmission/receiving operations. Once the break_link_timer is done, in the Auto-negotiation
state-machine (approximately 1200 ms) the auto-negotiation will re-start. The Link Partner will have also dropped the
link due to lack of a received signal, so it too will resume auto-negotiation.
4.7.2
DISABLING AUTO-NEGOTIATION
Auto-negotiation can be disabled by setting register 0, bit 12 to zero. The device will then force its speed of operation
to reflect the information in register 0, bit 13 (speed) and register 0, bit 8 (duplex). The speed and duplex bits in
register 0 should be ignored when auto-negotiation is enabled.
4.7.3
HALF VS. FULL-DUPLEX
Half-duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access / Collision Detect) protocol to handle
network traffic and collisions. In this mode, the internal carrier sense signal, CRS, responds to both transmit and
receive activity. In this mode, If data is received while the PHY is transmitting, a collision results.
In full-duplex mode, the PHY is able to transmit and receive data simultaneously. In this mode, the internal CRS
responds only to receive activity. The CSMA/CD protocol does not apply and collision detection is disabled.
Table 4-2 describes the behavior of the internal CRS bit under all receive/transmit conditions. The internal CRS signal
is used to trigger bit 10 (No Carrier) of the TX Status word (see Section 3.12.4). The CRS value, and subsequently
the No Carrier value, are invalid during any full-duplex transmission. Therefore, these signals cannot be used as a
verification method of transmitted packets when transmitting in 10/100 Mbps full-duplex modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com