Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 92 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 92 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 88Page - Microchip Technology LAN89218 Datasheet HTML 89Page - Microchip Technology LAN89218 Datasheet HTML 90Page - Microchip Technology LAN89218 Datasheet HTML 91Page - Microchip Technology LAN89218 Datasheet HTML 92Page - Microchip Technology LAN89218 Datasheet HTML 93Page - Microchip Technology LAN89218 Datasheet HTML 94Page - Microchip Technology LAN89218 Datasheet HTML 95Page - Microchip Technology LAN89218 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 148 page
background image
LAN89218
DS60001255B-page 92
 2008-2015 Microchip Technology Inc.
5.3.18
FREE_RUN—FREE-RUN 25MHZ COUNTER
This register reflects the value of the free-running 25 MHz counter.
5.3.19
RX_DROP– RECEIVER DROPPED FRAMES COUNTER
This register indicates the number of receive frames that have been dropped.
Offset:
9Ch
Size:
32 bits
Bits
Description
Type
Default
31:0
Free Running SCLK Counter (FR_CNT):
This field reflects the value of a free-running 32-bit counter. At reset the
counter starts at zero and is incremented for every 25 MHz cycle. When the
maximum count has been reached the counter will rollover. When read in 16-
bit mode the count value is latched on the first read.
Note:
The FREE_RUN counter can take up to 160 ns to clear after a
reset event.
Note:
This counter will run regardless of the power management states
D0, D1 or D2.
RO
-
Offset:
A0h
Size:
32 bits
Bits
Description
Type
Default
31:0
RX Dropped Frame Counter (RX_DFC). This counter is incremented every
time a receive frame is dropped. RX_DFC is cleared on any read of this regis-
ter.
An interrupt can be issued when this counter passes through its halfway point
(7FFFFFFFh to 80000000h).
RC
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com