Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 7Page - Microchip Technology LAN89218 Datasheet HTML 8Page - Microchip Technology LAN89218 Datasheet HTML 9Page - Microchip Technology LAN89218 Datasheet HTML 10Page - Microchip Technology LAN89218 Datasheet HTML 11Page - Microchip Technology LAN89218 Datasheet HTML 12Page - Microchip Technology LAN89218 Datasheet HTML 13Page - Microchip Technology LAN89218 Datasheet HTML 14Page - Microchip Technology LAN89218 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 11
LAN89218
TABLE 2-3:
SERIAL EEPROM INTERFACE SIGNALS
Name
Symbol
Buffer Type
# Pins
Description
EEPROM Data,
GPO3, TX_EN,
TX_CLK,
D32/nD16
EEDIO/GPO3/
TX_EN/TX_CLK
(D32/nD16)
I/O8
1
EEPROM Data: This bi-directional pin can be
connected to a serial EEPROM DIO. This is
optional.
General Purpose Output 3: This pin can also
function as a general purpose output, or it can be
configured to monitor the TX_EN or TX_CLK sig-
nals on the internal MII port. When configured as
a GPO signal, or as a TX_EN/TX_CLK monitor,
the EECS pin is deasserted so as to never unin-
tentionally access the serial EEPROM. This sig-
nal cannot function as a general-purpose input.
Data Bus Width Select: This signal also func-
tions as a configuration input on power-up and is
used to select the host bus data width. Upon
deassertion of reset, the value of the input is
latched. When high, a 32-bit data bus is utilized.
When low, a 16-bit interface is utilized.
EEPROM Chip
Select
EECS
O8
1
Serial EEPROM chip select.
EEPROM Clock,
GPO4 RX_DV,
RX_CLK
EECLK/GPO4/
RX_DV/RX_CLK
O8
1
EEPROM Clock: Serial EEPROM Clock pin.
General Purpose Output 4: This pin can also
function as a general-purpose output, or it can be
configured to monitor the RX_DV or RX_CLK
signals on the internal MII port. When configured
as a GPO signal, or as an RX_DV/RX_CLK mon-
itor, the EECS pin is deasserted so as to never
unintentionally access the serial EEPROM. This
signal cannot function as a general-purpose
input.
Note:
When the EEPROM interface is not
used, the EECLK pin must be left
unconnected.
Note:
This pin must not be pulled low by an
external resistor or driven low exter-
nally under any conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com