Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 95 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 95 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 91Page - Microchip Technology LAN89218 Datasheet HTML 92Page - Microchip Technology LAN89218 Datasheet HTML 93Page - Microchip Technology LAN89218 Datasheet HTML 94Page - Microchip Technology LAN89218 Datasheet HTML 95Page - Microchip Technology LAN89218 Datasheet HTML 96Page - Microchip Technology LAN89218 Datasheet HTML 97Page - Microchip Technology LAN89218 Datasheet HTML 98Page - Microchip Technology LAN89218 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 95
LAN89218
0
Flow Control on Any Frame (FCANY). When this bit is set, the LAN89218
will assert back pressure, or transmit a pause frame when the AFC level is
reached and any frame is received. Setting this bit enables full-duplex flow
control when the LAN89218 is operating in full-duplex mode.
When this mode is enabled during half-duplex operation, the Flow Controller
does not decode the MAC address and will send a pause frame upon receipt
of a valid preamble (i.e., immediately at the beginning of the next frame after
the RX data FIFO level is reached).
When this mode is enabled during full-duplex operation, the Flow Controller
will immediately instruct the MAC to send a pause frame when the RX data
FIFO level is reached. The MAC will queue the pause frame transmission for
the next available window.
Setting this bit overrides bits [3:1] of this register.
R/W
0
TABLE 5-5:
BACKPRESSURE DURATION BIT MAPPING
Backpressure Duration
[19:16]
100 Mbps Mode
10 Mbps Mode
0h
5 µs
7.2 µs
1h
10 µs
12.2 µs
2h
15 µs
17.2 µs
3h
25 µs
27.2 µs
4h
50 µs
52.2 µs
5h
100 µs
102.2 µs
6h
150 µs
152.2 µs
7h
200 µs
202.2 µs
8h
250 µs
252.2 µs
9h
300 µs
302.2 µs
Ah
350 µs
352.2 µs
Bh
400 µs
402.2 µs
Ch
450 µs
452.2 µs
Dh
500 µs
502.2 µs
Eh
550 µs
552.2 µs
Fh
600 µs
602.2 µs
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com