Electronic Components Datasheet Search
  English  ▼

X  

TUSB422 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 24Page - Texas Instruments TUSB422 Datasheet HTML 25Page - Texas Instruments TUSB422 Datasheet HTML 26Page - Texas Instruments TUSB422 Datasheet HTML 27Page - Texas Instruments TUSB422 Datasheet HTML 28Page - Texas Instruments TUSB422 Datasheet HTML 29Page - Texas Instruments TUSB422 Datasheet HTML 30Page - Texas Instruments TUSB422 Datasheet HTML 31Page - Texas Instruments TUSB422 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
28
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.15 Alert Byte 1 Register (address = 0x11) [reset = 0x00]
This register is used to indicate a status change event. When a status change event occurs and its
corresponding Alert mask is unmasked, the TUSB422 will assert the INT_N low. The INT_N remains asserted
until all events are cleared by write of 1’b1. Once all events are cleared or corresponding Alert mask is masked,
the INT_N will be de-asserted high.
Figure 23. Alert Byte 1 Register
7
6
5
4
3
2
1
0
VENDOR_IRQ
_STAT
Reserved
VBUS_SINK_D
IS
RX_BUF_OVR
FAULT
VBUS_ALARM
_LO
RCU
R
RCU
RCU
RCU
RCU
LEGEND: R/W = Read/Write; R = Read only
Table 20. Alert Byte 1 Register Descriptions
Bit
Field
Type
Reset
Description
7
VENDOR_IRQ_STAT
RCU
0
This field is set if a Vendor defined interrupt that is unmasked is
set. TCPM SW should first clear the appropriate bit in Vendor
Interrupt Status register before clearing this field.
0b: Vendor IRQ not asserted.
1b: Vendor IRQ asserted.
6:4
Reserved
R
0x0
Reserved
3
VBUS_SINK_DIS
RCU
0
VBUS Sink Disconnect Detected.
0b: Cleared
1b: A VBUS Sink Disconnect Threshold crossing has been
detected
2
RRX_BUF_OVR
RCU
0
Rx Buffer Overflow 0b: TUSB422 Rx buffer is functioning
properly
1b: TUSB422 Rx buffer has overflowed Writing 1 to this register
acknowledges the overflow. The overflow is cleared by writing to
ALERT.ReceiveSOP*MessageStatus
1
FAULT
RCU
0
Fault
0b: No Fault
1b: A Fault has occurred. Read the FAULT_STATUS register
0
VBUS_ALARM_LO
RCU
0
VBUS Voltage Alarm Lo
0b: Cleared
1b: A low-voltage alarm has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com